Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC5601 Datasheet(PDF) 3 Page - E-CMOS Corporation

Part # EC5601
Description  High Slew Rate Rail-to-Rail Single Operational Amplifiers with OTP
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC5601 Datasheet(HTML) 3 Page - E-CMOS Corporation

  EC5601 Datasheet HTML 1Page - E-CMOS Corporation EC5601 Datasheet HTML 2Page - E-CMOS Corporation EC5601 Datasheet HTML 3Page - E-CMOS Corporation EC5601 Datasheet HTML 4Page - E-CMOS Corporation EC5601 Datasheet HTML 5Page - E-CMOS Corporation EC5601 Datasheet HTML 6Page - E-CMOS Corporation EC5601 Datasheet HTML 7Page - E-CMOS Corporation EC5601 Datasheet HTML 8Page - E-CMOS Corporation EC5601 Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
EC5601
High Slew Rate Rail-to-Rail Single
Operational Amplifiers with OTP
2010/11/29
Page 3 of 11
Note 1: Short circuit current is tested with one output at a time.
Note 2: Ipeak current is for a 1μs pulsed current only , not to exceed thermal characteristics of package.
Figure (a) Input Offset Voltage Distribution
ELECTRICAL CHARACTERISTICS
VS+= +5V, VS - = -5V, RL = 10kΩ and CL = 10pF to 0V, TA = 25°C unless otherwise specified.
Parameter
Description
Condition
Min
Typ
Max
Units
Dynamic Performance
SR
Slew Rate [2]
VS+=8V,VS-=-8V,
-4.0V≦VOUT≦4.0V,
20% to 80%
30
40
V/µs
tS
Settling to +0.1% (AV = +1)
(AV = +1), VO=2V Step
500
Ns
BW
-3dB Bandwidth
RL = 10kΩ, CL=10pF
30
MHz
GBWP
Gain-Bandwidth Product
RL = 10kΩ, CL=10pF
20
MHz
PM
Phase Margin
RL = 10kΩ, CL = 10 pF
50
Degree
s
CS
Channel Separation
f = 1 MHz
75
dB
Temperature Performance
Temp
Thermal Shutdown
150
℃
1. Measured over operating temperature range
2. Slew rate is measured on rising and falling edges
-15 -13 -11 -9 -7 -5 -3 -1 1
3
5
7 9 11 13 15
0
250
500
750
1000
1250
1500
1750
2000
2250
2500
Input Offset (mV)
Figure (b) Rail to Rail Capability
Figure (c) Input Beyond the Rails Signal
TYPICAL PERFORMANCE CURVES



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com