Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC5601 Datasheet(PDF) 11 Page - E-CMOS Corporation

Part # EC5601
Description  High Slew Rate Rail-to-Rail Single Operational Amplifiers with OTP
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC5601 Datasheet(HTML) 11 Page - E-CMOS Corporation

Back Button EC5601 Datasheet HTML 3Page - E-CMOS Corporation EC5601 Datasheet HTML 4Page - E-CMOS Corporation EC5601 Datasheet HTML 5Page - E-CMOS Corporation EC5601 Datasheet HTML 6Page - E-CMOS Corporation EC5601 Datasheet HTML 7Page - E-CMOS Corporation EC5601 Datasheet HTML 8Page - E-CMOS Corporation EC5601 Datasheet HTML 9Page - E-CMOS Corporation EC5601 Datasheet HTML 10Page - E-CMOS Corporation EC5601 Datasheet HTML 11Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
EC5601
High Slew Rate Rail-to-Rail Single
Operational Amplifiers with OTP
2010/11/29
Page 11 of 11
TSOT-25
VARIATION (ALL DIMENSIONS SHOWN IN MM)
SYMBOL
MIN.
NOM.
MAX.
A
0.750
-
0.800
A1
0.000
-
0.050
A2
0.700
0.750
0.775
b
0.350
-
0.500
c
0.100
-
0.200
D
2.800
2.900
3.000
E
2.600
2.800
3.000
E1
1.500
1.600
1.700
e
0.950 BSC
e1
1.900 BSC
L
0.370
0.450
0.600
L1
0.600 REF
L2
0.250 BSC
R
0.100
-
-
R1
0.100
-
0.250
θ
0°
4°
8°
θ1
4°
10°
12°
NOTE:
1. JEDEC OUT LINE:N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com