Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC5601 Datasheet(PDF) 4 Page - E-CMOS Corporation

Part # EC5601
Description  High Slew Rate Rail-to-Rail Single Operational Amplifiers with OTP
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC5601 Datasheet(HTML) 4 Page - E-CMOS Corporation

  EC5601 Datasheet HTML 1Page - E-CMOS Corporation EC5601 Datasheet HTML 2Page - E-CMOS Corporation EC5601 Datasheet HTML 3Page - E-CMOS Corporation EC5601 Datasheet HTML 4Page - E-CMOS Corporation EC5601 Datasheet HTML 5Page - E-CMOS Corporation EC5601 Datasheet HTML 6Page - E-CMOS Corporation EC5601 Datasheet HTML 7Page - E-CMOS Corporation EC5601 Datasheet HTML 8Page - E-CMOS Corporation EC5601 Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
EC5601
High Slew Rate Rail-to-Rail Single
Operational Amplifiers with OTP
2010/11/29
Page 4 of 11
Figure (d) Large Signal Transient Response
APPLICATIONS INFORMATION
Product Description
The EC5601 rail-to-rail one channel amplifier is
built on an advanced high voltage CMOS process.
It’s beyond rails input capability and full swing of
output range makes itself an ideal amplifier for use
in a wide range of general-purpose applications. The
features of 40V/μs high slew rate, fast settling time,
30MHz of GBWP as well as high output driving
capability have proven the EC5601 a good voltage
reference buffer in TFT-LCD for grayscale reference
applications. High phase margin and extremely low
power consumption make the EC5601 ideal for
connected in voltage follower mode for low power
high drive applications.
Supply Voltage, Input Range and Output Swing
The EC5601 can be operated with a single
nominal wide supply voltage ranging from 6V to
18V
with
stable
performance
over
operating
temperature of -40°C to +85°C. With 500mV greater
than rail-to-rail input common mode voltage range
and 70dB of Common Mode Rejection Ratio, the
EC5601 allows a wide range sensing among many
applications without having any concerns over
exceeding
the
range
and
no
compromise
in
accuracy. The
output
swings
of
the
EC5601
typically extend to within 80mV of positive and
negative supply rails with load currents of 5mA. The
output voltage swing can be even closer to the
supply rails by merely decreasing the load current.
Figure 1 shows the input and output waveforms for
the device in the unity-gain configuration. The
amplifier is operated under ±5V supply with a 10KΩ
load connected to GND. The input is a 10Vp-p
sinusoid. An Approximately 9.985 Vp-p of output
voltage swing can be easily achieved.
Figure (e) Large Signal Transient Response
Figure 1. Operation with Rail-to-Rail Input and
Output
Output Short Circuit Current Limit
A +/-350mA short circuit current will be limited by
the EC5601 if the output is directly shorted to the
positive or the negative supply. For an indefinitely
output short circuit, the power dissipation could easily
increase such that the device may be damaged. The
internal metal interconnections are well designed to
prevent the output continuous current from exceeding
+/-100mA such that the maximum reliability can be
well maintained.
Output Phase Reversal
The EC5601 is designed to prevent its output
from being phase reversal as long as the input
voltage is limited from VS- -0.5V to VS+ +0.5V.
Figure 2 shows a photo of the device output with its
input voltage driven beyond the supply rails. Although
the phase of
the device's output will
not be
reversed, the input's over-voltage should be avoided.
An improper input voltage exceeds supply range by
more than 0.6V may result in an over stress
damage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com