Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC5601 Datasheet(PDF) 2 Page - E-CMOS Corporation

Part # EC5601
Description  High Slew Rate Rail-to-Rail Single Operational Amplifiers with OTP
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC5601 Datasheet(HTML) 2 Page - E-CMOS Corporation

  EC5601 Datasheet HTML 1Page - E-CMOS Corporation EC5601 Datasheet HTML 2Page - E-CMOS Corporation EC5601 Datasheet HTML 3Page - E-CMOS Corporation EC5601 Datasheet HTML 4Page - E-CMOS Corporation EC5601 Datasheet HTML 5Page - E-CMOS Corporation EC5601 Datasheet HTML 6Page - E-CMOS Corporation EC5601 Datasheet HTML 7Page - E-CMOS Corporation EC5601 Datasheet HTML 8Page - E-CMOS Corporation EC5601 Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
EC5601
High Slew Rate Rail-to-Rail Single
Operational Amplifiers with OTP
2010/11/29
Page 2 of 11
Maximum Continuous Output Current
100mA
Operating Temperature
-40°C to +85°C
Lead Temperature
260°C
Functional Pin Description
Pin Name
Pin Function
VOUT
Operational Amplifier Output
VS-
IC GROUND or Negative power supply
IN+
Operational Amplifier Non-Inverting Input
IN-
Operational Amplifier Inverting Input
VS+
Supply Voltage VCC can range from 6V to 18V
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C)
Values beyond absolute maximum ratings may cause permanent damage to the device. These are
stress ratings only; functional device operation is not implied. Exposure to AMR conditions for
extended periods may affect device reliability.
Supply Voltage between VS+ and VS-
+18V
Storage Temperature
-65°C to +150°C
Input Voltage
VS- -0.5V, VS+ +0.5V
Maximum Die Temperature
+125°C
Important Note:
All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless
otherwise noted, all tests are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
ELECTRICAL CHARACTERISTICS
VS+= +5V, VS - = -5V, RL = 10kΩ and CL = 10pF to 0V, TA = 25°C unless otherwise specified.
Parameter
Description
Condition
Min
Typ
Max Units
Input Characteristics
VOS
Input Offset Voltage
VCM= 0V
2
12
mV
TCVOS
Average Offset Voltage
Drift
[1]
5
µV/°C
IB
Input Bias Current
VCM= 0V
2
50
nA
RIN
Input Impedance
1
GΩ
CIN
Input Capacitance
1.35
pF
CMIR
Common-Mode Input
Range
-5.0
+5.5
V
CMRR
Common-Mode Rejection
Ratio
for VIN from -5.5V to 5.5V
50
70
dB
AVOL
Open-Loop Gain
0.5V ≦VOUT≦4.5V
75
90
dB
Output Characteristics
VOL
Output Swing Low-
VS+=8V,VS-=-8V,IL=-5mA
-7.92
-
7.85
V
VOH
Output Swing High
VS+=8V,VS-=-8V,IL=5mA
7.85
7.92
V
ISC
Short Circuit Current
(Note 1)
±350
mA
IOUT
Output Current
±100
mA
Source Current: I
load VOUT to GND
Ipeak
Ipeak Current
VS+=14V, VS-=0V
(Note 2)
Sink Current: I load
VOUT to VDD
450
mA
Power Supply Performance
PSRR
Power Supply Rejection
Ratio
VS is moved from
±2.25V to ±7.75V
60
80
dB
IS
Supply Current
No Load
3
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com