Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5755MDFD Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5755MDFD
Description  2 x 50-W or 2 x 19-W1 x 50-W Digital Input Audio Amplifier With Equalizer, 2- Band DRC, And License-Free 3D Effect
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5755MDFD Datasheet(HTML) 33 Page - Texas Instruments

Back Button TAS5755MDFD Datasheet HTML 29Page - Texas Instruments TAS5755MDFD Datasheet HTML 30Page - Texas Instruments TAS5755MDFD Datasheet HTML 31Page - Texas Instruments TAS5755MDFD Datasheet HTML 32Page - Texas Instruments TAS5755MDFD Datasheet HTML 33Page - Texas Instruments TAS5755MDFD Datasheet HTML 34Page - Texas Instruments TAS5755MDFD Datasheet HTML 35Page - Texas Instruments TAS5755MDFD Datasheet HTML 36Page - Texas Instruments TAS5755MDFD Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 76 page
background image
S
Z
–1
Alpha Filter Structure
w
a
B0265-04
a w
,
T
a
w
a,
a
d
d
/
,
a
w
DRC1
DRC2
0x3C
0x3B
0x40
0x43
0x3E
0x3F
Input Level (dB)
T
M0091-04
1:1 TransferFunction
Implemented TransferFunction
33
TAS5755M
www.ti.com
SLOS982 – AUGUST 2017
Product Folder Links: TAS5755M
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Feature Description (continued)
9.3.11 Dynamic Range Control (DRC)
The DRC scheme has two DRC blocks. There is one ganged DRC for the high-band left/right channels and one
DRC for the low-band left/right channels.
The DRC input/output diagram is shown in Figure 55.
Professional-quality dynamic range compression automatically adjusts volume to flatten volume level.
• Each DRC has adjustable threshold levels.
• Programmable attack and decay time constants
• Transparent compression: compressors can attack fast enough to avoid apparent clipping before engaging,
and decay times can be set slow enough to avoid pumping.
Figure 55. Dynamic Range Control
T = 9.23 format, all other DRC coefficients are 3.23 format
Figure 56. DRC Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com