Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5755MDFD Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5755MDFD
Description  2 x 50-W or 2 x 19-W1 x 50-W Digital Input Audio Amplifier With Equalizer, 2- Band DRC, And License-Free 3D Effect
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5755MDFD Datasheet(HTML) 34 Page - Texas Instruments

Back Button TAS5755MDFD Datasheet HTML 30Page - Texas Instruments TAS5755MDFD Datasheet HTML 31Page - Texas Instruments TAS5755MDFD Datasheet HTML 32Page - Texas Instruments TAS5755MDFD Datasheet HTML 33Page - Texas Instruments TAS5755MDFD Datasheet HTML 34Page - Texas Instruments TAS5755MDFD Datasheet HTML 35Page - Texas Instruments TAS5755MDFD Datasheet HTML 36Page - Texas Instruments TAS5755MDFD Datasheet HTML 37Page - Texas Instruments TAS5755MDFD Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 76 page
background image
34
TAS5755M
SLOS982 – AUGUST 2017
www.ti.com
Product Folder Links: TAS5755M
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
9.4 Device Functional Modes
9.4.1 Stereo BTL Mode
The classic stereo mode of operation uses the TAS5755M device to amplify two independent signals, which
represent the left and right portions of a stereo signal. These amplified left and right audio signals are presented
on differential output pairs shown as OUT_A and OUT_B for a channel and OUT_C and OUT_D for the other
one. The routing of the audio data which is presented on the OUT_x outputs can be changed according to the
PWM Output Mux Register (0x25). By default, the TAS5755M device is configured to output channel 1 to the
OUT_A and OUT_B outputs, and channel 2 to the OUT_C and OUT_D outputs. Stereo Mode operation outputs
are shown in Figure 57.
Figure 57. Stereo BTL Mode
9.4.2 Mono PBTL Mode
When this mode of operation is used, the two stereo outputs of the device are placed in parallel one with another
to increase the power sourcing capabilities of the device. The TAS5755M supports parallel BTL (PBTL) mode
with OUT_A/OUT_B (and OUT_C/OUT_D) connected before the LC filter.
The merging of the two output channels in this device can be done before the inductor portion of the output filter.
This is called Single-Filter PBTL, and this mono operation is shown in Figure 58. More information about this can
be found in Single-Filter PBTL Mode section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com