Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5755MDFD Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5755MDFD
Description  2 x 50-W or 2 x 19-W1 x 50-W Digital Input Audio Amplifier With Equalizer, 2- Band DRC, And License-Free 3D Effect
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5755MDFD Datasheet(HTML) 5 Page - Texas Instruments

  TAS5755MDFD Datasheet HTML 1Page - Texas Instruments TAS5755MDFD Datasheet HTML 2Page - Texas Instruments TAS5755MDFD Datasheet HTML 3Page - Texas Instruments TAS5755MDFD Datasheet HTML 4Page - Texas Instruments TAS5755MDFD Datasheet HTML 5Page - Texas Instruments TAS5755MDFD Datasheet HTML 6Page - Texas Instruments TAS5755MDFD Datasheet HTML 7Page - Texas Instruments TAS5755MDFD Datasheet HTML 8Page - Texas Instruments TAS5755MDFD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 76 page
background image
5
TAS5755M
www.ti.com
SLOS982 – AUGUST 2017
Product Folder Links: TAS5755M
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
TYPE: A = analog; D = 3.3-V digital; P = power/ground/decoupling; I = input; O = output
Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
ADR/FAULT
8
DIO
Dual function terminal which sets the LSB of the 7-bit I2C address to "0" if pulled to GND
and to "1" if pulled to DVDD. If configured to be a fault output by the methods described in
I²C Address Selection and Fault Output, this terminal is pulled low when an internal fault
occurs. A pull-up or pull-down resistor is required, as is shown in the Typical Application
Circuit Diagrams. If pulled high (to DVDD), a 15-kΩ resistor must be used to minimize in-
rush current at power up and to isolate the net if the pin is used as a fault output, as
described above.
AVDD
9
P
3.3-V analog power supply
AVSS
13,14
P
Analog 3.3-V supply ground
BST_A
17
P
High-side bootstrap supply for half-bridge A
BST_B
28
P
High-side bootstrap supply for half-bridge B
BST_C
29
P
High-side bootstrap supply for half-bridge C
BST_D
40
P
High-side bootstrap supply for half-bridge D
DVDD
47
P
3.3-V digital power supply
DVSS
44,46
P
Digital ground
DVSS_OSC
3
P
Oscillator ground
GVDD
41
P
Gate drive internal regulator output
LRCLK
56
P
nput serial audio data left/right clock (sample-rate clock)
MCLK
5
DI
Master clock input
NC
6,7,22,35
,43,45,50
,51
–
No connect
OSC_RES
4
AO
Oscillator trim resistor. Connect an 18.2-k
Ω, 1% resistor to DVSSO.
OUT_A
20,21
O
Output, half-bridge A
OUT_B
26,27
O
Output, half-bridge B
OUT_C
30,31
O
Output, half-bridge C
OUT_D
36,37
O
Output, half-bridge D
PBTL
15
DI
Low means BTL mode; high means PBTL mode. Information goes directly to power stage.
PDNZ
1
DI
Power down, active-low. PDN prepares the device for loss of power supplies by shutting
down the noise shaper and initiating the PWM stop sequence.
PGND
23,24,25,
32,33,34
P
Power ground for half-bridges A and B
FLTM
12
AO
PLL negative loop-filter terminal
FLTP
11
AO
PLL positive loop-filter terminal
PVDD_AB
18,19
P
Power-supply input for half-bridge output A and B
PVDD_CD
38,39
P
Power-supply input for half-bridge output C and D
RESETZ
49
DI
Reset, active-low. A system reset is generated by applying a logic low to this pin. RESET
is an asynchronous control signal that restores the DAP to its default conditions and
places the PWM in the hard-mute (high-impedance) state.
SCL
52
DI
I2C serial control clock input
SCLK
55
DI
Serial audio-data clock (shift clock). SCLK is the serial-audio-port input-data bit clock.
SDA
53
DIO
I2C serial control data interface input/output
SDIN
54
DI
Serial audio data input. SDIN supports three discrete (stereo) data formats.
SSTIMER
16
AI
Controls ramp time of OUT_x to minimize pop. Leave this pin floating for BD mode.
Requires capacitor of 2.2 nF to GND in AD mode. The capacitor determines the ramp
time.
STEST
48
DI
Factory test pin. Connect directly to DVSS.
VR_ANA
10
P
Internally regulated 1.8-V analog supply voltage. This pin must not be used to power
external devices.
VR_DIG
2
P
Internally regulated 1.8-V digital supply voltage. This pin must not be used to power
external devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com