Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5755MDFD Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5755MDFD
Description  2 x 50-W or 2 x 19-W1 x 50-W Digital Input Audio Amplifier With Equalizer, 2- Band DRC, And License-Free 3D Effect
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5755MDFD Datasheet(HTML) 49 Page - Texas Instruments

Back Button TAS5755MDFD Datasheet HTML 45Page - Texas Instruments TAS5755MDFD Datasheet HTML 46Page - Texas Instruments TAS5755MDFD Datasheet HTML 47Page - Texas Instruments TAS5755MDFD Datasheet HTML 48Page - Texas Instruments TAS5755MDFD Datasheet HTML 49Page - Texas Instruments TAS5755MDFD Datasheet HTML 50Page - Texas Instruments TAS5755MDFD Datasheet HTML 51Page - Texas Instruments TAS5755MDFD Datasheet HTML 52Page - Texas Instruments TAS5755MDFD Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 76 page
background image
49
TAS5755M
www.ti.com
SLOS982 – AUGUST 2017
Product Folder Links: TAS5755M
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Default values are in bold.
9.6.2.7 Soft Mute Register (0x06)
Writing a 1 to any of the following bits sets the output of the respective channel to 50% duty cycle (soft mute).
Table 10. Soft Mute Register (0x06)
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
0
0
0
0
0
–
–
–
Reserved(1)
–
–
–
–
–
0
–
–
Soft unmute channel 3 (1)
–
–
–
–
–
1
–
–
Soft mute channel 3
–
–
–
–
–
–
0
–
Soft unmute channel 2 (1)
–
–
–
–
–
–
1
–
Soft mute channel 2
–
–
–
–
–
–
–
0
Soft unmute channel 1 (1)
–
–
–
–
–
–
–
1
Soft mute channel 1
(1)
Default values are in bold.
9.6.2.8 Volume Registers (0x07, 0x08, 0x09, 0x0A)
Step size is 0.5 dB.
Master volume
– 0x07 (default is mute)
Channel-1 volume
– 0x08 (default is 0 dB)
Channel-2 volume
– 0x09 (default is 0 dB)
Channel-3 volume
– 0x0A (default is 0 dB)
Table 11. Volume Registers (0x07, 0x08, 0x09, 0x0A)
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
0
0
0
0
0
0
0
0
24 dB
0
0
1
1
0
0
0
0
0 dB (default for individual channel volume)(1)
1
1
1
1
1
1
1
0
–103 dB
1
1
1
1
1
1
1
1
Soft mute (default for master volume) (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com