Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5755MDFD Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5755MDFD
Description  2 x 50-W or 2 x 19-W1 x 50-W Digital Input Audio Amplifier With Equalizer, 2- Band DRC, And License-Free 3D Effect
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5755MDFD Datasheet(HTML) 6 Page - Texas Instruments

Back Button TAS5755MDFD Datasheet HTML 2Page - Texas Instruments TAS5755MDFD Datasheet HTML 3Page - Texas Instruments TAS5755MDFD Datasheet HTML 4Page - Texas Instruments TAS5755MDFD Datasheet HTML 5Page - Texas Instruments TAS5755MDFD Datasheet HTML 6Page - Texas Instruments TAS5755MDFD Datasheet HTML 7Page - Texas Instruments TAS5755MDFD Datasheet HTML 8Page - Texas Instruments TAS5755MDFD Datasheet HTML 9Page - Texas Instruments TAS5755MDFD Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 76 page
background image
6
TAS5755M
SLOS982 – AUGUST 2017
www.ti.com
Product Folder Links: TAS5755M
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Pin Functions (continued)
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
VREG
42
P
Digital regulator output. Not to be used for powering external circuitry.
PowerPAD™
P
Connect to GND for best system performance. If not connected to GND, leave floating.
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum conditions for extended periods may affect device reliability.
(2)
5-V tolerant inputs are PDN, RESET, SCLK, LRCLK, MCLK, SDIN, SDA, and SCL.
(3)
Maximum pin voltage must not exceed 6 V.
(4)
DC voltage + peak ac waveform measured at the pin must be below the allowed limit for all conditions.
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply
voltage
DVDD, AVDD
–0.3
4.2
V
PVDD_x
–0.3
30
V
Input voltage
3.3-V digital input
–0.5
DVDD + 0.5
V
5-V tolerant(2) digital input (except MCLK)
–0.5
DVDD + 2.5(3)
5-V tolerant MCLK input
–0.5
AVDD + 2.5(3)
OUT_x to PGND_x
32(4)
V
BST_x to PGND_x
39(4)
V
Input clamp current, IIK
–20
20
mA
Output clamp current, IOK
–20
20
mA
Operating free-air temperature
0
85
°C
Operating junction temperature
0
150
°C
Storage temperature, Tstg
–40
125
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±1000
V
Charged-device model (CDM), per JEDEC specification JESD22-
C101(2)
±250



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com