Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC5912 Datasheet(PDF) 5 Page - E-CMOS Corporation

Part # EC5912
Description  200MHz, CMOS, Rail-to-Rail Output Operational Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC5912 Datasheet(HTML) 5 Page - E-CMOS Corporation

  EC5912 Datasheet HTML 1Page - E-CMOS Corporation EC5912 Datasheet HTML 2Page - E-CMOS Corporation EC5912 Datasheet HTML 3Page - E-CMOS Corporation EC5912 Datasheet HTML 4Page - E-CMOS Corporation EC5912 Datasheet HTML 5Page - E-CMOS Corporation EC5912 Datasheet HTML 6Page - E-CMOS Corporation EC5912 Datasheet HTML 7Page - E-CMOS Corporation EC5912 Datasheet HTML 8Page - E-CMOS Corporation EC5912 Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
200MHz, CMOS, Rail-to-Rail
Output Operational Amplifier
EC5912
E-CMOS Corp. (www.ecmos.com.tw)
3L18N-Rev.P001
Page 5 of 10
APPLICATION INFORMATION
Size
EC5912 series op amps are unity-gain stable and suitable
for
a
wide
range
of
general-
purpose applications. The small footprints of the EC5912 series
packages
save
space
on
printed circuit boards and enable the design of smaller electronic products.
Power Supply Bypassing and Board Layout
EC5912 series
operates
from
a
single
2.5V to 5.5V supply or dual ±1.25V to ±2.75V
supplies. For best performance
, a 0.1μF ceramic capacitor should be placed close to the V
DD
pin in single supply operation. For dual supply operation, both VDD and
VSS
supplies
should
be bypassed to
ground with separate 0.1μF ceramic capacitors.
Low Supply Current
The low supply current (7mA) of EC5912 series will help to maximize battery life. They are
ideal for battery powered systems
Operating Voltage
EC5912 series operate under wide input supply voltage(2.5V to5.5V). In addition, all
Temperature specifications apply from -40℃ to +125℃ Most behavior remains unchanged
throughout the full operating voltage range. These guarantees ensure operation throughout the
single Li-Ion battery lifetime
Rail-to-Rail Input
The input common-mode range of EC5912 series extends 100mV beyond the negative fsupply
rail (VSS-0.1V to VDD-1.5V). This is achieved by using complementary input stage. For
normal operation, inputs should be limited to this range.
Rail-to-Rail Output
Rail-to-Rail output swing provides maximum possible dynamic range at the output. This is
particularly important when operating in low supply
voltages.
The
output
voltage
of
EC5912 series can typically swing to less than 10mV from supply rail in light resistive loads
(>100kΩ), and 60mV of supply rail in moderate resistive loads (10kΩ).
Capacitive Load Tolerance
The EC5912 series can directly drive 200pF capacitive load in unity-gain without oscillation.
Increasing the gain en
hances the amplifier’s ability to drive
greater
capacitive
loads.
In unity-gain configurations, the capacitive load drive can be improved by inserting an
isolation resistor RISO in series with the capacitive load, as shown in Figure 1.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com