Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC5912 Datasheet(PDF) 1 Page - E-CMOS Corporation

Part # EC5912
Description  200MHz, CMOS, Rail-to-Rail Output Operational Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC5912 Datasheet(HTML) 1 Page - E-CMOS Corporation

  EC5912 Datasheet HTML 1Page - E-CMOS Corporation EC5912 Datasheet HTML 2Page - E-CMOS Corporation EC5912 Datasheet HTML 3Page - E-CMOS Corporation EC5912 Datasheet HTML 4Page - E-CMOS Corporation EC5912 Datasheet HTML 5Page - E-CMOS Corporation EC5912 Datasheet HTML 6Page - E-CMOS Corporation EC5912 Datasheet HTML 7Page - E-CMOS Corporation EC5912 Datasheet HTML 8Page - E-CMOS Corporation EC5912 Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
200MHz, CMOS, Rail-to-Rail
Output Operational Amplifier
EC5912
E-CMOS Corp. (www.ecmos.com.tw)
3L18N-Rev.P001
Page 1 of 10
General Description
The
EC5912
is
wideband,
low-noise,
low-distortion
operational amplifier, that offer rail-to-rail output and
single-supply operation down to 2.2V. They draw 5.6mA of
quiescent supply current, as well as low input voltage-noise
density (13nV/Hz) and low input current-noise density
(400fA/Hz). These features make the devices an ideal
choice for applications that require low distortion and low
noise. The EC5912 has output which swing rail-to-rail
and their input common-mode voltage range includes
ground
and offer
wide
bandwidth
to 200MHz
(G=+1) .They are specified over the extended industrial
temperature range (-45℃ ~ 125℃).The single EC5912 is
available in space-saving, MSOP-8 and SOP-8 packages.
Features
● Single-Supply Operation from +2.2V ~ +5.5V
● Rail-to-Rail Input / Output
● Gain-Bandwidth Product: 200MHz
● Low Input Bias Current: 10pA
● Low Offset Voltage: 1mV
● Quiescent Current: 5.6mA
● Available in MSOP-8 and SOP-8 Packages
Applications
● Portable Equipment
● Mobile Communications
● Smoke Detector
● Sensor interface
● Medical Instrumentation
● Handheld Test Equipment
● imaging / video
Pin Configurations(Top View)
Figure 1. Pin Assignment Diagram (MSOP-8 and SOP-8 Package)


Similar Part No. - EC5912

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC5911 E-CMOS-EC5911 Datasheet
470Kb / 6P
200MHz, High-Speed, CMOS, Rail-to-Rail Operational Amplifier
EC5911NNB2R E-CMOS-EC5911NNB2R Datasheet
470Kb / 6P
200MHz, High-Speed, CMOS, Rail-to-Rail Operational Amplifier
EC5911NNM1R E-CMOS-EC5911NNM1R Datasheet
470Kb / 6P
200MHz, High-Speed, CMOS, Rail-to-Rail Operational Amplifier
More results

Similar Description - EC5912

ManufacturerPart #DatasheetDescription
logo
SG Micro Corp
SGM8051 SGMICRO-SGM8051 Datasheet
757Kb / 20P
250MHz, Rail-to-Rail Output CMOS Operational Amplifier
SGM8061 SGMICRO-SGM8061 Datasheet
639Kb / 14P
500MHz, Rail-to-Rail Output CMOS Operational Amplifier
SGM8067 SGMICRO-SGM8067 Datasheet
341Kb / 5P
1.5GHz, Rail-to-Rail Output CMOS Operational Amplifier
SGM8091 SGMICRO-SGM8091 Datasheet
686Kb / 17P
350MHz, Rail-to-Rail Output CMOS Operational Amplifier
SGM8651 SGMICRO-SGM8651 Datasheet
661Kb / 17P
50MHz, Rail-to-Rail Output CMOS Operational Amplifier
logo
New Japan Radio
NJU7058 NJRC-NJU7058 Datasheet
237Kb / 8P
Rail-to-Rail Output Quad CMOS Operational Amplifier
NJU7056 NJRC-NJU7056 Datasheet
242Kb / 8P
Rail-to-Rail Output Single CMOS Operational Amplifier
logo
Texas Instruments
OPA348-Q1 TI1-OPA348-Q1_16 Datasheet
1Mb / 32P
CMOS Rail-to-Rail Operational Amplifier
logo
E-CMOS Corporation
EC5911 E-CMOS-EC5911 Datasheet
470Kb / 6P
200MHz, High-Speed, CMOS, Rail-to-Rail Operational Amplifier
logo
Shenzhen Huazhimei Semi...
HM8051 HMSEMI-HM8051 Datasheet
1Mb / 18P
250MHz Rail-to-Rail Output CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com