Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC5912 Datasheet(PDF) 4 Page - E-CMOS Corporation

Part # EC5912
Description  200MHz, CMOS, Rail-to-Rail Output Operational Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC5912 Datasheet(HTML) 4 Page - E-CMOS Corporation

  EC5912 Datasheet HTML 1Page - E-CMOS Corporation EC5912 Datasheet HTML 2Page - E-CMOS Corporation EC5912 Datasheet HTML 3Page - E-CMOS Corporation EC5912 Datasheet HTML 4Page - E-CMOS Corporation EC5912 Datasheet HTML 5Page - E-CMOS Corporation EC5912 Datasheet HTML 6Page - E-CMOS Corporation EC5912 Datasheet HTML 7Page - E-CMOS Corporation EC5912 Datasheet HTML 8Page - E-CMOS Corporation EC5912 Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
200MHz, CMOS, Rail-to-Rail
Output Operational Amplifier
EC5912
E-CMOS Corp. (www.ecmos.com.tw)
3L18N-Rev.P001
Page 4 of 10
Electrical Characteristic
Note 1: All devices are 100% production tested at TA = +25°C; all specifications over the automotive
temperature range is guaranteed by design, not production tested.
Note 2: Parameter is guaranteed by design.
Note 3: Peak-to-peak input noise voltage is defined as six times rms value of input noise voltage.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Differential Phase error (NTSC)
DP
G=2,RL
=150Ω
-
0.03
-
deg
Differential Gain error (NTSC)
DG
G=2,RL
=150Ω
-
0.09
-
dB
Settling Time
tS
To 0.01%, VOUT = 2V step
AV = +1V/V
-
52
-
ns
Capacitive-Load Stability
CLOAD
No sustained oscilliations
AV = +1V/V
200
pF
Input Voltage Noise Density
en
ƒ = 1kHz
-
15
-
nV/
Hz
ƒ = 30kHz
-
13
-
Input Current Noise Density
in
ƒ = 1kHz
-
400
-
fA/
Hz
Total Harmonic Distortion plus
Noise
THD+N
ƒC=5MHZ,VOUT=2Vp-p,G=+2
-
-60
-
dB



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com