Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC5912 Datasheet(PDF) 6 Page - E-CMOS Corporation

Part # EC5912
Description  200MHz, CMOS, Rail-to-Rail Output Operational Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC5912 Datasheet(HTML) 6 Page - E-CMOS Corporation

Back Button EC5912 Datasheet HTML 2Page - E-CMOS Corporation EC5912 Datasheet HTML 3Page - E-CMOS Corporation EC5912 Datasheet HTML 4Page - E-CMOS Corporation EC5912 Datasheet HTML 5Page - E-CMOS Corporation EC5912 Datasheet HTML 6Page - E-CMOS Corporation EC5912 Datasheet HTML 7Page - E-CMOS Corporation EC5912 Datasheet HTML 8Page - E-CMOS Corporation EC5912 Datasheet HTML 9Page - E-CMOS Corporation EC5912 Datasheet HTML 10Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
200MHz, CMOS, Rail-to-Rail
Output Operational Amplifier
EC5912
E-CMOS Corp. (www.ecmos.com.tw)
3L18N-Rev.P001
Page 6 of 10
The bigger the RISO resistor value, the more stable VOUT will be. However, if there is
a resistive load RL in parallel with the capacitive load, a voltage divider (proportional to
RISO/RL) is formed, this will result in a gain error. The circuit in Figure 2 is an improvement to the
one in Figure 1. RF provides the DC accuracy by feed-forward the VIN to RL. CF and RISO serve
to counteract the loss of phase margin by feeding the high frequency component
of the output
signal
back to the amplifier’s inverting input, thereby preserving the phase margin in
the overall feedback loop. Capacitive drive can be increased by increasing the value of CF.
This in turn will slow down the pulse response.
Differential amplifier
The differential amplifier allows the subtraction of two input voltages or cancellation of a
signal common the two inputs. It is useful asa computational amplifier in making a differential
To single-end conversion or in rejecting a common mode signal. Figure 3 shown the differential
amplifier using EC5912
If the resistor ratios are equal (i.e. R1=R3 and R2=R4), then
Instrumentation Amplifier
The input impedance of the previous differential amplifier is set by the resistors R1, R2, R3, and R4.
To maintain the high input impedance, one can use a voltage follower in front of each input
as shown in the following two instrumentation amplifiers.
Three-Op-Amp Instrumentation Amplifier
The triple EC5912 can be used to build a three-op-amp instrumentation
amplifier
as
shown in Figure 4. The amplifier in Figure 4 is a high input impedance
differential
amplifier
with
gain
of R2/R1. The two
differential
voltage
followers assure the high input impedance of the
amplifier.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com