Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC5912 Datasheet(PDF) 2 Page - E-CMOS Corporation

Part # EC5912
Description  200MHz, CMOS, Rail-to-Rail Output Operational Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC5912 Datasheet(HTML) 2 Page - E-CMOS Corporation

  EC5912 Datasheet HTML 1Page - E-CMOS Corporation EC5912 Datasheet HTML 2Page - E-CMOS Corporation EC5912 Datasheet HTML 3Page - E-CMOS Corporation EC5912 Datasheet HTML 4Page - E-CMOS Corporation EC5912 Datasheet HTML 5Page - E-CMOS Corporation EC5912 Datasheet HTML 6Page - E-CMOS Corporation EC5912 Datasheet HTML 7Page - E-CMOS Corporation EC5912 Datasheet HTML 8Page - E-CMOS Corporation EC5912 Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
200MHz, CMOS, Rail-to-Rail
Output Operational Amplifier
EC5912
E-CMOS Corp. (www.ecmos.com.tw)
3L18N-Rev.P001
Page 2 of 10
Ordering Information
Part Number
Package
Marking
Marking Information
EC5912NNR1R
MSOP-8L
5912
LLLL
YYWW
1.
LLLL:Last four Number of Lot No
2.
YY:Year Code
3.
WW:Week Code
EC5912NNM1R
SOP-8L
EC5912
LLLLL
YYWWT
1. LLLLL:Last five Number of Lot No
2. YY:Year Code
3. WW:Week Code
4. T:Internal Tracking Code
Absolute Maximum Ratings
Note: Stress greater than those listed under Absolute Maximum Ratings may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at these or any other conditions
outside those indicated in the operational sections of this specification are not implied. Exposure to absolute
maximum rating conditions for extended periods may affect reliability.
Condition
Min
Max
Power Supply Voltage (VDD to Vss)
-0.5V
+7V
Analog Input Voltage (IN+ or IN-)
Vss-0.5V
VDD+0.5V
Operating Temperature Range
-40°C
+125°C
Junction Temperature
+150°C
Storage Temperature Range
-65°C
+150°C
Lead Temperature (soldering, 10sec)
+300°C
Package Thermal Resistance (TA=+25°C)
MSOP-8,
θJA
210°C
SOP-8,
θJA
130°C
EC5912NN XX X
M1:SOP-8L
R1:MSOP-8L



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com