Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3901 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC3901
Description  Secondary Side Synchronous Driver for Push-Pull and Full-Bridge Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3901 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC3901 Datasheet HTML 8Page - Linear Technology LTC3901 Datasheet HTML 9Page - Linear Technology LTC3901 Datasheet HTML 10Page - Linear Technology LTC3901 Datasheet HTML 11Page - Linear Technology LTC3901 Datasheet HTML 12Page - Linear Technology LTC3901 Datasheet HTML 13Page - Linear Technology LTC3901 Datasheet HTML 14Page - Linear Technology LTC3901 Datasheet HTML 15Page - Linear Technology LTC3901 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
LTC3901
16
3901f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2003
LT/TP 1104 1K • PRINTED IN USA
RELATED PARTS
PART NUMBER DESCRIPTION
COMMENTS
LTC1693
High Speed Single/Dual N-Channel MOSFET Drivers
CMOS Compatible Input, VCC Range: 4.5V to 13.2V
LTC1698
Isolated Secondary Synchronous Rectifier Controller
Use with the LT1681, Optocoupler Driver, Pulse
Transformer Synchronization
LT1952
Synchronous DC/DC Forward Controller
Programmable Volt-Second Clamp and Slope Compensation
LTC3722
Synchronous Dual Mode Phase Modulated Full-Bridge Controller
50W to 2kW Power Supply Design, Adaptive Direct Sense ZVS
LTC3723
Synchronous Push-Pull Controller
Adjustable Push-Pull Dead Time, High Efficiency
LTC3900
Synchronous Rectifier Driver for Forward Converters
Similar Function to the LTC3901 but for Forward Converter
LTC4441
6A MOSFET Driver
Adjustable Gate Drive Voltage, Programmable Blanking
LT4430
Optocoupler Driver
SOT-23, Prevents Overshoot
PACKAGE DESCRIPTIO
GN Package
16-Lead Plastic SSOP (Narrow .150 Inch)
(Reference LTC DWG # 05-08-1641)
GN16 (SSOP) 0204
12
3
4
5
6
7
8
.229 – .244
(5.817 – 6.198)
.150 – .157**
(3.810 – 3.988)
16 15 14 13
.189 – .196*
(4.801 – 4.978)
12 11 10 9
.016 – .050
(0.406 – 1.270)
.015 ± .004
(0.38 ± 0.10)
× 45°
0° – 8° TYP
.007 – .0098
(0.178 – 0.249)
.0532 – .0688
(1.35 – 1.75)
.008 – .012
(0.203 – 0.305)
TYP
.004 – .0098
(0.102 – 0.249)
.0250
(0.635)
BSC
.009
(0.229)
REF
.254 MIN
RECOMMENDED SOLDER PAD LAYOUT
.150 – .165
.0250 BSC
.0165 ± .0015
.045 ±.005
*DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH
SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
**DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD
FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
INCHES
(MILLIMETERS)
NOTE:
1. CONTROLLING DIMENSION: INCHES
2. DIMENSIONS ARE IN
3. DRAWING NOT TO SCALE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com