Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3901 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3901
Description  Secondary Side Synchronous Driver for Push-Pull and Full-Bridge Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3901 Datasheet(HTML) 4 Page - Linear Technology

  LTC3901 Datasheet HTML 1Page - Linear Technology LTC3901 Datasheet HTML 2Page - Linear Technology LTC3901 Datasheet HTML 3Page - Linear Technology LTC3901 Datasheet HTML 4Page - Linear Technology LTC3901 Datasheet HTML 5Page - Linear Technology LTC3901 Datasheet HTML 6Page - Linear Technology LTC3901 Datasheet HTML 7Page - Linear Technology LTC3901 Datasheet HTML 8Page - Linear Technology LTC3901 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC3901
4
3901f
TYPICAL PERFOR A CE CHARACTERISTICS
SYNC Negative Threshold vs
Temperature
Propagation Delay vs VCC
Propagation Delay vs
Temperature
Propagation Delay vs CLOAD
Rise/Fall Time vs VCC
Rise/Fall Time vs Temperature
Rise/Fall Time vs Load
Capacitance
Undervoltage Lockout Threshold
Voltage vs Temperature
TEMPERATURE (°C)
–50
100
3901 G07
050
–1.0
–1.1
–1.2
–1.3
–1.4
–1.5
–1.6
–1.7
–1.8
–25
25
75
125
VCC (V)
4
10
3901 G08
68
120
110
100
90
80
70
60
50
40
57
9
11
TEMPERATURE (°C)
–50
100
3901 G09
050
–25
25
75
125
CLOAD (nF)
12
3
10
3901 G10
45
6
7
9
8
50
45
40
35
30
25
20
15
10
5
0
50
45
40
35
30
25
20
15
10
5
0
3901 G11
TEMPERATURE (°C)
3901 G12
TA = 25°C
CLOAD = 4.7nF
TA = 25°C
CLOAD = 4.7nF
TA = 25°C
VCC = 5V
VCC = 5V
CLOAD = 4.7nF
VCC = 5V
CLOAD = 4.7nF
VCC = 5V, 11V
SYNC TO ME
SYNC TO MF
SYNC TO ME
SYNC TO MF
SYNC TO ME
SYNC TO MF
120
110
100
90
80
70
60
50
40
120
110
100
90
80
70
60
50
40
VCC (V)
410
68
57
9
11
FALL TIME
FALL TIME
RISE TIME
RISE TIME
CLOAD (nF)
1
02
3
10
45
6
7
9
8
50
45
40
35
30
25
20
15
10
5
0
TA = 25°C
VCC = 5V
FALL TIME
RISE TIME
4.5
4.4
4.3
4.2
4.1
4.0
3.9
3.8
3.7
3.6
3.5
3.4
3.3
3.2
3.1
3.0
3901 G14
3901 G13
TEMPERATURE (°C)
–50
100
050
–25
25
75
125
FALLING EDGE
RISING EDGE
–50
100
050
–25
25
75
125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com