Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3901 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3901
Description  Secondary Side Synchronous Driver for Push-Pull and Full-Bridge Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3901 Datasheet(HTML) 2 Page - Linear Technology

  LTC3901 Datasheet HTML 1Page - Linear Technology LTC3901 Datasheet HTML 2Page - Linear Technology LTC3901 Datasheet HTML 3Page - Linear Technology LTC3901 Datasheet HTML 4Page - Linear Technology LTC3901 Datasheet HTML 5Page - Linear Technology LTC3901 Datasheet HTML 6Page - Linear Technology LTC3901 Datasheet HTML 7Page - Linear Technology LTC3901 Datasheet HTML 8Page - Linear Technology LTC3901 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC3901
2
3901f
The
● denotes specifications which apply over the full operating
temperature range. VCC = 5V, TA = 25°C unless otherwise specified. (Note 3)
Supply Voltage
VCC, PVCC ............................................................................ 12V
Input Voltage
CSE–, CSF–, TIMER ................. –0.3V to (VCC + 0.3V)
SYNC ...................................................... –12V to 12V
Input Current
CSE+, CSF+ ..................................................................... 15mA
Operating Temperature Range (Note 2) ...–40°C to 85°C
Storage Temperature Range ..................–65°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300°C
ORDER PART
NUMBER
GN PART
MARKING
TJMAX = 125°C, θJA = 130°C/W
3901
LTC3901EGN
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
ELECTRICAL CHARACTERISTICS
Consult LTC Marketing for parts specified with wider operating temperature ranges.
TOP VIEW
GN PACKAGE
16-LEAD NARROW PLASTIC SSOP
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
PVCC
ME
ME
PGND
CSE–
CSE+
TIMER
GND
VCC
MF
MF
PGND
CSF–
CSF+
GND
SYNC
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
Supply Voltage Range
●
4.5
5
11
V
VUVLO
VCC Undervoltage Lockout Threshold
Rising Edge
●
4.1
4.5
V
VCC Undervoltage Lockout Hysteresis
Rising Edge to Falling Edge
0.5
V
IVCC
VCC Supply Current
VSYNC = 0V
●
0.5
1
mA
fSYNC = 100kHz, CME = CMF = 4700pF (Note 4)
●
715
mA
Timer
VTMR
Timer Threshold Voltage
●
–10%
VCC/5
10%
V
ITMR
Timer Input Current
VTMR = 0V
●
–6
–10
µA
tTMRDIS
Timer Discharge Time
CTMR = 1000pF, RTMR = 4.7k
●
40
120
ns
VTMRMAX
Timer Pin Clamp Voltage
CTMR = 1000pF, RTMR = 4.7k
2.5
V
Current Sense (Note 5)
ICS+CS
+ Input Current
VCS+ = 0V
●
±1
µA
ICS–CS– Input Current
VCS– = 0V
●
±1
µA
VCSMAX
CS+ Pin Clamp Voltage
IIN = 5mA, Driver Off
11
V
VCS
Current Sense Threshold Voltage
VCS– = 0V
7.5
10.5
13.5
mV
(Note 6)
●
318
mV
SYNC Input
ISYNC
SYNC Input Current
VSYNC = ±10V
●
±1
±10
µA
VSYNCP
SYNC Input Positive Threshold
●
1.0
1.4
1.8
V
SYNC Positive Input Hysteresis
(Note 7)
0.2
V
VSYNCN
SYNC Input Negative Threshold
●
–1.8
–1.4
–1.0
V
SYNC Negative Input Hysteresis
(Note 7)
0.2
V
Driver Output
RONH
Driver Pull-Up Resistance
IOUT = –100mA
0.9
1.2
Ω
●
1.6
RONL
Driver Pull-Down Resistance
IOUT = 100mA
0.8
1.2
Ω
●
1.6
IPK
Driver Peak Output Current
(Note 7)
2
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com