Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3901 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3901
Description  Secondary Side Synchronous Driver for Push-Pull and Full-Bridge Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3901 Datasheet(HTML) 5 Page - Linear Technology

  LTC3901 Datasheet HTML 1Page - Linear Technology LTC3901 Datasheet HTML 2Page - Linear Technology LTC3901 Datasheet HTML 3Page - Linear Technology LTC3901 Datasheet HTML 4Page - Linear Technology LTC3901 Datasheet HTML 5Page - Linear Technology LTC3901 Datasheet HTML 6Page - Linear Technology LTC3901 Datasheet HTML 7Page - Linear Technology LTC3901 Datasheet HTML 8Page - Linear Technology LTC3901 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LTC3901
5
3901f
TYPICAL PERFOR A CE CHARACTERISTICS
VCC Supply Current
vs Load Capacitance
CLOAD (nF)
1
02
3
10
45
6
7
9
8
TA = 25°C
3901 G16
VCC = 5V
VCC = 11V
30
25
20
15
10
5
0
PVCC (Pin 1): Driver Supply Input. This pin powers the
ME and MF drivers. Bypass this pin to PGND using a 4.7µF
low ESR capacitor in close proximity to the LTC3901. This
pin should be connected to the same supply voltage as the
VCC pin.
ME (Pin 2, 3): Driver Output for ME. This pin drives the
gate of the external N-channel MOSFET, ME.
PGND (Pin 4,13): Power Ground. Both drivers return to
this pin. Connect PGND to a high current ground node in
close proximity to the sources of ME and MF.
CSE+, CSE– (Pin 6, 5): ME Current Sense Differential
Input. Connect CSE+ through a series resistor to the drain
of ME and CSE– through a series resistor to the source of
ME. The LTC3901 monitors the CSE inputs 250ns after ME
goes high. If the inductor current reverses and flows into
ME causing CSE+ to rise above CSE–by more than 10.5mV,
the LTC3901 pulls ME low. See the Current Sense section
for more details on choosing the resistance values for
RCSE1 to RCSE3.
TIMER (Pin 7): Timer Input. Connect this pin to an external
R-C network to program the timeout period. The LTC3901
resets the timer at every positive and negative transition of
the SYNC input. If the SYNC signal is missing or incorrect,
the LTC3901 pulls both ME and MF low once the TIMER
pin goes above the timeout threshold. See the Timer sec-
tion for more details on programming the timeout period.
GND (Pin 8,10): Signal Ground. All internal low power
circuitry returns to this pin. To minimize differential ground
currents, connect GND to PGND right at the LTC3901.
SYNC (Pin 9): Driver Synchronization Input. 0V at this pin
forces both ME and MF high after an initial negative pulse.
A subsequent positive pulse at SYNC input forces ME to
pull low, whereas a negative pulse forces MF to pull low.
The SYNC signal should alternate between positive and
negative pulses. If the SYNC signal is incorrect, the LTC3901
pulls both MF and ME low.
CSF+, CSF– (Pin 11, 12): MF Current Sense Differential
Input. Connect CSF+ through a series resistor to the drain
of MF and CSF– through a series resistor to the source of
MF. The LTC3901 monitors the CSF inputs 250ns after MF
goes high. If the inductor current reverses and flows into
MF causing CSF+ to rise above CSF– by more than 10.5mV,
the LTC3901 pulls MF low. See the Current Sense section
for more details on choosing the resistance values for
RCSF1 to RCSF3.
MF (Pin 14, 15): Driver Output for MF. This pin drives the
gate of the external N-channel MOSFET, MF.
VCC (Pin 16): Power Supply Input. All internal circuits
except the drivers are powered from this pin. Bypass this
pin to GND using a 1µF capacitor in close proximity to the
LTC3901.
PI FU CTIO S
VCC Supply Current vs
Temperature
3901 G15
TEMPERATURE (°C)
–50
100
050
–25
25
75
125
CLOAD = 4.7nF
20
18
16
14
12
10
8
6
4
VCC = 5V
VCC = 11V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com