Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3901 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC3901
Description  Secondary Side Synchronous Driver for Push-Pull and Full-Bridge Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3901 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC3901 Datasheet HTML 3Page - Linear Technology LTC3901 Datasheet HTML 4Page - Linear Technology LTC3901 Datasheet HTML 5Page - Linear Technology LTC3901 Datasheet HTML 6Page - Linear Technology LTC3901 Datasheet HTML 7Page - Linear Technology LTC3901 Datasheet HTML 8Page - Linear Technology LTC3901 Datasheet HTML 9Page - Linear Technology LTC3901 Datasheet HTML 10Page - Linear Technology LTC3901 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LTC3901
7
3901f
Burst Mode is a registered trademark of Linear Technology Corporation.
In the first period, SDRA goes low (followed by DRVA
going high) and T2 generates a positive voltage at the
LTC3901’s SYNC input. The LTC3901’s ME output then
pulls low. Current flows to the load through MOSFET MF,
T1’s secondary and L1.
In the second period, SDRA goes high and T2 provides
approximately 0V at the LTC3901 SYNC input. This causes
the LTC3901’s ME output to go high and both MOSFET ME
and MF to conduct. This is the free-wheeling period with
T1 secondary winding shorted.
In the third period, SDRB goes low (followed by DRVB
going high) and T2 generates a negative voltage at the
LTC3901’s SYNC input. The LTC3901’s MF output then
pulls low. Current flows to the load through MOSFET ME,
T1’s secondary and L1.
The last period is also a free-wheeling period like the
second period. Both SDRA and SDRB are high and the
LTC3901 forces both MOSFETs ME and MF to conduct.
External MOSFET Protection
A programmable timer and two differential input current
sense comparators are included in the LTC3901 for pro-
tection of the external MOSFETs during power down and
Burst Mode
® operation. The chip also shuts off the
MOSFETs if VCC < 4.1V or if the synchronization sequence
is incorrect.
When the primary controller is powering down, the
LTC3901 continues to operate by drawing power from the
VCC bypass cap, CVCC. The primary controller synchro-
nous output stops switching and the LTC3901 SYNC input
goes to 0V. Both ME and MF remain on and the decreasing
inductor current continues to flow into the load. Once the
inductor current decreases to zero, it reverses direction,
discharging the output capacitor COUT to GND through
both MOSFETs. At the same time, the CVCC voltage contin-
ues to drop. When the voltage drops below 4.1V, the
LTC3901 shuts down and pulls both ME and MF low. This
causes the inductor current to stop suddenly and the drain
voltage of both MOSFETs to fly high, due to the buildup of
inductor energy. In the absence of a protection timer, if the
inductor energy is high due to a long period of current
reversal, the drain voltage can go above the MOSFET’s
voltage rating and cause damage to the MOSFET.
APPLICATIO S I FOR ATIO
MOSFETs are also kept on for long periods when the
primary controller enters Burst Mode operation. Both ME
and MF stop switching until the primary controller exits
Burst Mode operation. This would also cause the inductor
current to reverse and the drains to fly high.
In both of these situations, the timer and/or current sense
comparator shuts off the drivers before or immediately
after the inductor current reverses direction. This prevents
the buildup of inductor energy.
Timer
The timer circuit (Figure 3) operates by using an external
R-C charging network to program the timeout period. On
every transition at the SYNC input, the chip generates a
200ns pulse to reset the timer capacitor. If the SYNC signal
is missing or incorrect (allowing the timer capacitor volt-
age to go high) it shuts off both drivers once the voltage
reaches the timeout threshold. Figure 4 shows the timer
waveforms.
Figure 4. Timer Waveforms
Figure 3. Timer Circuit
ZTMR
0.5 • VCC
TIMEOUT
MTMR
RTMR
32k
CTMR
470pF
R1
180k
R2
45k
TIMER
RESET
VCC
VCC
7
16
3901 F03
LTC3901
TMR
TIMER
TIMER RESET
(INTERNAL)
TIMER
SYNC
ME
MF
TIMEOUT
THRESHOLD
3901 F02
0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com