Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9652 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9652
Description  Analog-to-Digital Converter (ADC)
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9652 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9652 Datasheet HTML 3Page - Analog Devices AD9652 Datasheet HTML 4Page - Analog Devices AD9652 Datasheet HTML 5Page - Analog Devices AD9652 Datasheet HTML 6Page - Analog Devices AD9652 Datasheet HTML 7Page - Analog Devices AD9652 Datasheet HTML 8Page - Analog Devices AD9652 Datasheet HTML 9Page - Analog Devices AD9652 Datasheet HTML 10Page - Analog Devices AD9652 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
AD9652
Data Sheet
Rev. B | Page 6 of 36
Parameter
Test Conditions/Comments
Temperature Min
Typ
Max
Unit
LOGIC INPUT (CSB)2
High Level Input Voltage
Full
1.22
SPIVDD
V
Low Level Input Voltage
Full
0
0.6
V
High Level Input Current
Full
−65
+65
µA
Low Level Input Current
Full
−135
0
µA
Input Resistance
Full
26
kΩ
Input Capacitance
Full
2
pF
LOGIC INPUT (SCLK)3
High Level Input Voltage
Full
1.22
SPIVDD
V
Low Level Input Voltage
Full
0
0.6
V
High Level Input Current
Full
0
110
µA
Low Level Input Current
Full
−60
+50
µA
Input Resistance
Full
26
kΩ
Input Capacitance
Full
2
pF
LOGIC INPUTS (SDIO)2
High Level Input Voltage
Full
1.22
SPIVDD
V
Low Level Input Voltage
Full
0
0.6
V
High Level Input Current
Full
−65
+70
µA
Low Level Input Current
Full
−135
0
µA
Input Resistance
Full
26
kΩ
Input Capacitance
Full
5
pF
LOGIC INPUTS (PDWN)3
High Level Input Voltage
Full
1.22
DRVDD
V
Low Level Input Voltage
Full
0
0.6
V
High Level Input Current
Full
−80
+190
µA
Low Level Input Current
Full
−145
+130
µA
Input Resistance
Full
26
kΩ
Input Capacitance
Full
5
pF
DIGITAL OUTPUTS
LVDS Data and OR± Outputs
Assumes nominal 100 Ω
differential termination
ANSI Mode
Differential Output Voltage (VOD)
Maximum setting, default
Full
310
350
450
mV
Output Offset Voltage (VOS)
Full
1.15
1.22
1.35
V
Reduced Swing Mode
Differential Output Voltage (VOD)
Minimum setting
Full
150
200
280
mV
Output Offset Voltage (VOS)
Full
1.15
1.22
1.35
V
1
Input capacitance/resistance refers to the effective capacitance/resistance between one differential input pin and AGND.
2
Internal weak pull-up.
3
Internal weak pull-down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com