Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9652 Datasheet(PDF) 29 Page - Analog Devices

Part # AD9652
Description  Analog-to-Digital Converter (ADC)
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9652 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD9652 Datasheet HTML 25Page - Analog Devices AD9652 Datasheet HTML 26Page - Analog Devices AD9652 Datasheet HTML 27Page - Analog Devices AD9652 Datasheet HTML 28Page - Analog Devices AD9652 Datasheet HTML 29Page - Analog Devices AD9652 Datasheet HTML 30Page - Analog Devices AD9652 Datasheet HTML 31Page - Analog Devices AD9652 Datasheet HTML 32Page - Analog Devices AD9652 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
AD9652
Data Sheet
Rev. B | Page 28 of 36
FAST THRESHOLD DETECTION (FDA/FDB)
In receiver applications, it is desirable to have a mechanism to
reliably determine when the converter is about to be clipped. The
standard overflow indicator on the OR± pins provide delayed
information, which is synchronized with the output data. The
delayed indicator is of limited value in preventing clipping in this
case. Therefore, it is helpful to have a programmable threshold
below full scale that allows time to reduce external gain before the
clip occurs. In addition, because input signals can have significant
slew rates, latency of this function is of concern.
Using the SPI port, the user can provide a threshold above
which the fast detect (FD) output is active. Bit 0 of Register 0x45
enables the FD feature. Register 0x47 to Register 0x4C allow the
user to set the threshold levels and timing. As long as the signal
is below the selected threshold, the FD output remains low. In
this mode, the magnitude of the data is considered in the calcu-
lation of the condition, but the sign of the data (either positive
or negative) is not considered. The threshold detection responds
identically to positive and negative signals outside the desired
range (magnitude).
The fast detect indicators, FDA for Channel A and FDB for
Channel B, are asserted when the input magnitude exceeds the
value programmed in the fast detect upper threshold register,
Register 0x47.
The selected threshold register is compared with the signal
magnitude at the output of the ADC. The fast upper threshold
detection has a latency of seven clock cycles. The approximate
upper threshold is a 4-bit value defined by
Upper Threshold (% Full Scale) =
((Register 0x47 value)/8) × 100%
The FD indicators are not cleared until the signal drops below
the lower threshold for the programmed dwell time. The lower
threshold is programmed in the fast detect lower threshold
registers, Register 0x49 and Register 0x4A. The fast detect lower
threshold register is a 15-bit register that is compared with the
signal magnitude at the output of the ADC. This comparison is
subject to the ADC pipeline latency but is accurate in terms of
converter resolution. The lower threshold is defined by
Lower Threshold (% Full Scale) =
((Register 0x49/Register 0x4A value)/32767) × 100%
For example, to set an upper threshold of 50% full scale, write
0x04 to Register 0x47, and to set a lower threshold of 40% full
scale, write 0x3333 to Register 0x49 and Register 0x4A.
The dwell time can be programmed from 1 sample clock cycle
to 65,535 sample clock cycles by placing the desired value in the
fast detect dwell time registers, Register 0x4B and Register 0x4C
(see Figure 66).
UPPER THRESHOLD
LOWER THRESHOLD
FDA OR FDB
DWELL TIME
TIMER RESET BY
RISE ABOVE
LOWER
THRESHOLD
TIMER COMPLETES BEFORE
SIGNAL RISES ABOVE
LOWER THRESHOLD
DWELL TIME
Figure 66. Threshold Settings for FDA and FDB Signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com