Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9652 Datasheet(PDF) 24 Page - Analog Devices

Part # AD9652
Description  Analog-to-Digital Converter (ADC)
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9652 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD9652 Datasheet HTML 20Page - Analog Devices AD9652 Datasheet HTML 21Page - Analog Devices AD9652 Datasheet HTML 22Page - Analog Devices AD9652 Datasheet HTML 23Page - Analog Devices AD9652 Datasheet HTML 24Page - Analog Devices AD9652 Datasheet HTML 25Page - Analog Devices AD9652 Datasheet HTML 26Page - Analog Devices AD9652 Datasheet HTML 27Page - Analog Devices AD9652 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
Data Sheet
AD9652
Rev. B | Page 23 of 36
VOLTAGE REFERENCE
A stable and accurate voltage reference is built into the AD9652.
The full-scale input range can be adjusted by varying the reference
voltage via the SPI. The input span of the ADC linearly tracks
reference voltage changes.
Internal Reference Connection
A stable and accurate programmable reference is built into
the AD9652, allowing a voltage reference from 1.0 V to 1.25 V
to provide up to a 2.5 V p-p differential full-scale input. By
default the VREF voltage is set 1.25 V, but can be modified using
Register 0x18[2:0], VREF select.
To configure the AD9652 for an internal reference, the SENSE
pin must be tied low. When SENSE is tied low, the ADC uses
VREF directly and provides a differential input voltage of two
times the VREF value.
To achieve optimal noise performance when using the internal
reference, it is recommended that the VREF pin be decoupled
by 1.0 μF and 0.1 μF capacitors close to the pin. Figure 57 shows
the configuration for the internal reference connection resulting
in a input voltage set by VREF, that is, a 2.5 V p-p differential
full-scale input.
VREF
VSELECT
AD9652
SELECT
LOGIC
0.1µF
1.0µF
VIN–A/VIN–B
VIN+A/VIN+B
ADC
CORE
SENSE
Figure 57. Internal Reference Configuration
If the internal reference of the AD9652 drives multiple
converters to improve gain matching, the loading of the reference
by the other converters must be considered. Figure 58 shows how
the internal reference voltage is affected by loading.
0
–1
–2
–3
–4
02.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
LOAD CURRENT (mA)
VREF = 1.25V
Figure 58. Reference Voltage Error vs. Load Current
External Reference Operation
The use of an external reference can be necessary to enhance
the gain accuracy of the ADC or improve thermal drift charac-
teristics.
When the SENSE pin is tied to AVDD, the internal reference is
disabled, allowing the use of an external reference that is
applied to the VREF pin. An internal reference buffer loads the
external reference with an equivalent 6 kΩ load. The internal
buffer generates the positive and negative full-scale references
for the ADC core. Therefore, the external reference must be
limited to a maximum of 1.25 V to maintain an input voltage of
2.5 V p-p differential full-scale input or less.
CLOCK INPUT CONSIDERATIONS
For optimum performance, clock the AD9652 sample clock
inputs, CLK+ and CLK−, with a differential signal with a high
slew rate. The signal is typically ac-coupled into the CLK+ and
CLK− pins via a transformer or via capacitors. These pins are
biased internally (see Figure 59) and require no external bias. If
the inputs are floated, the CLK− pin is intentionally biased
slightly lower than CLK+ to prevent spurious clocking (this is
not shown in Figure 59).
AVDD_CLK
CLK+
5pF
5pF
CLK–
0.9V
Figure 59. Simplified Equivalent Clock Input Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com