Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9652 Datasheet(PDF) 16 Page - Analog Devices

Part # AD9652
Description  Analog-to-Digital Converter (ADC)
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9652 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9652 Datasheet HTML 12Page - Analog Devices AD9652 Datasheet HTML 13Page - Analog Devices AD9652 Datasheet HTML 14Page - Analog Devices AD9652 Datasheet HTML 15Page - Analog Devices AD9652 Datasheet HTML 16Page - Analog Devices AD9652 Datasheet HTML 17Page - Analog Devices AD9652 Datasheet HTML 18Page - Analog Devices AD9652 Datasheet HTML 19Page - Analog Devices AD9652 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
Data Sheet
AD9652
Rev. B | Page 15 of 36
0
–140
–120
–100
–80
–60
–40
–20
0
50
100
150
fIN (MHz)
AIN = –1dBFS
SNRFS = 68.0dB
SFDR = 75.7dBc
Figure 18. FFT fIN = 400 MHz, AIN = −1 dBFS, Dither Off, Register 0x22A = 0x02
0
–140
–120
–100
–80
–60
–40
–20
0
50
100
150
fIN (MHz)
AIN = –7dBFS
SNRFS = 71.7dB
SFDR = 81.3dBc
Figure 19. FFT fIN = 400 MHz, AIN = −7 dBFS, Dither Off, Register 0x22A = 0x02
140
20
78
60
62
64
66
68
70
72
74
76
40
60
80
100
120
–80
–60
–40
–20
0
AIN (–dBFS)
SFDR (dBc), –40°C
SFDR (dBc), +25°C
SFDR (dBc), +85°C
SFDR (dBFS), –40°C
SFDR (dBFS), +25°C
SFDR (dBFS), +85°C
SNRFS (dB), –40°C
SNRFS (dB), +25°C
SNRFS (dB), +85°C
Figure 20. Single Tone SNR/SFDR vs. Input Amplitude (AIN) with
fIN = 90.1 MHz, VREF = 1.25 V, Over Temperature, Dither Off
0
–140
–120
–100
–80
–60
–40
–20
0
50
100
150
fIN (MHz)
AIN = –1dBFS
SNRFS = 68.0dB
SFDR = 75.0dBc
Figure 21. FFT fIN = 400 MHz, AIN = −1 dBFS, Dither On, Register 0x22A = 0x02
0
–140
–120
–100
–80
–60
–40
–20
0
50
100
150
fIN (MHz)
AIN = –7dBFS
SNRFS = 71.9dB
SFDR = 80.2dBc
Figure 22. FFT fIN = 400 MHz, AIN = −7 dBFS, Dither On, Register 0x22A = 0x02
140
20
78
60
62
64
66
68
70
72
74
76
40
60
80
100
120
–80
–60
–40
–20
0
AIN (–dBFS)
SFDR (dBc), –40°C
SFDR (dBc), +25°C
SFDR (dBc), +85°C
SFDR (dBFS), –40°C
SFDR (dBFS), +25°C
SFDR (dBFS), +85°C
SNRFS (dB), –40°C
SNRFS (dB), +25°C
SNRFS (dB), +85°C
Figure 23. Single Tone SNR/SFDR vs. Input Amplitude (AIN) with
fIN = 90.1 MHz, VREF = 1.25 V, Over Temperature, Dither On



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com