Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9652 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9652
Description  Analog-to-Digital Converter (ADC)
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9652 Datasheet(HTML) 1 Page - Analog Devices

  AD9652 Datasheet HTML 1Page - Analog Devices AD9652 Datasheet HTML 2Page - Analog Devices AD9652 Datasheet HTML 3Page - Analog Devices AD9652 Datasheet HTML 4Page - Analog Devices AD9652 Datasheet HTML 5Page - Analog Devices AD9652 Datasheet HTML 6Page - Analog Devices AD9652 Datasheet HTML 7Page - Analog Devices AD9652 Datasheet HTML 8Page - Analog Devices AD9652 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
16-Bit, 310 MSPS, 3.3 V/1.8 V Dual
Analog-to-Digital Converter (ADC)
Data Sheet
AD9652
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2014–2017 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
High dynamic range
SNR = 75.0 dBFS at 70 MHz (AIN = −1 dBFS)
SFDR = 87 dBc at 70 MHz (AIN = −1 dBFS)
Noise spectral density (NSD) = −156.7 dBFS/Hz input noise
at −1 dBFS at 70 MHz
NSD = −157.6 dBFS/Hz for small signal at −7dBFS at 70 MHz
90 dB channel isolation/crosstalk
On-chip dithering (improves small signal linearity)
Excellent IF sampling performance
SNR = 73.7 dBFS at 170 MHz (AIN = −1 dBFS)
SFDR = 85 dBc at 170 MHz (AIN = −1 dBFS)
Full power bandwidth of 465 MHz
On-chip 3.3 V buffer
Programmable input span of 2 V p-p to 2.5 V p-p (default)
Differential clock input receiver with 1, 2, 4, and 8 integer
inputs (clock divider input accepts up to 1.24 GHz)
Internal ADC clock duty cycle stabilizer
SYNC input allows multichip synchronization
Total power consumption: 2.16 W
3.3 V and 1.8 V supply voltages
DDR LVDS (ANSI-644 levels) outputs
Serial port control
Energy saving power-down modes
APPLICATIONS
Military radar and communications
Multimode digital receivers (3G or 4G)
Test and instrumentation
Smart antenna systems
FUNCTIONAL BLOCK DIAGRAM
DDR DATA
INTERLEAVER
LVDS OUTPUT
DRIVER
ADC
DRVDD
CSB
AVDD3
AVDD
SPI
SDIO
SCLK
PROGRAMMING DATA
DUTY CYCLE
STABILIZER
DIVIDE 1
TO 8
DCO
GENERATION
REF
SELECT
MULTICHIP
SYNC
SYNC
AGND
PDWN
DCO–
DCO+
D15± (MSB)
TO
D0± (LSB)*
OR+, OR–
CLK–
CLK+
VIN+A
VCM
RBIAS
VIN–B
VIN+B
VIN–A
VREF
SENSE
AD9652
ADC
16
*THESE PINS ARE FOR CHANNEL A AND CHANNEL B.
Figure 1.
GENERAL DESCRIPTION
The AD9652 is a dual, 16-bit analog-to-digital converter (ADC)
with sampling speeds of up to 310 MSPS. It is designed to
support demanding, high speed signal processing applications
that require exceptional dynamic range over a wide input
frequency range (up to 465 MHz). Its exceptional low noise
floor of −157.6 dBFS and large signal spurious-free dynamic
range (SFDR) performance (exceeding 85 dBFS, typical) allows
low level signals to be resolved in the presence of large signals.
The dual ADC cores feature a multistage, pipelined architecture
with integrated output error correction logic. A high performance
on-chip buffer and internal voltage reference simplify the inter-
face to external driving circuitry while preserving the exceptional
performance of the ADC.
The AD9652 can support input clock frequencies of up to
1.24 GHz with a 1, 2, 4, and 8 integer clock divider to generate
the ADC sample clock. A duty cycle stabilizer is provided to
compensate for variations in the ADC clock duty cycle.
The 16-bit output data (with an overrange bit) from each ADC
is interleaved onto a single LVDS output port along with a
double data rate (DDR) clock. Programming for setup and control
are accomplished using a 3-wire SPI-compatible serial interface.
The AD9652 is available in a 144-ball CSP_BGA and is
specified over the industrial temperature range of −40°C to
+85°C. This product is protected by pending U.S. patents.
PRODUCT HIGHLIGHTS
1.
Integrated dual, 16-bit, 310 MSPS ADCs.
2.
On-chip buffer simplifies ADC driver interface.
3.
Operation from 3.3 V and 1.8 V supplies and a separate
digital output driver supply accommodating LVDS outputs.
4.
Proprietary differential input maintains excellent signal-to-
noise ratio (SNR) performance for input frequencies of up
to 485 MHz.
5.
SYNC input allows synchronization of multiple devices.
6.
Three-wire, 3.3 V or 1.8 V SPI port for register programming
and readback.


Similar Part No. - AD9652

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9652 AD-AD9652 Datasheet
1Mb / 36P
16-Bit, 310 MSPS, 3.3 V/1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9652-310EBZ AD-AD9652-310EBZ Datasheet
1Mb / 36P
16-Bit, 310 MSPS, 3.3 V/1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9652BBCZ-310 AD-AD9652BBCZ-310 Datasheet
1Mb / 36P
16-Bit, 310 MSPS, 3.3 V/1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9652BBCZRL7-310 AD-AD9652BBCZRL7-310 Datasheet
1Mb / 36P
16-Bit, 310 MSPS, 3.3 V/1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
More results

Similar Description - AD9652

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
MSC1212Y2 BURR-BROWN-MSC1212Y2 Datasheet
1Mb / 69P
Precision Analog-to-Digital Converter (ADC)
logo
Texas Instruments
MSC1211 TI1-MSC1211_07 Datasheet
1Mb / 111P
Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converters (DACs)
OCTOBER 2007
logo
Analog Devices
ADAU1978 AD-ADAU1978 Datasheet
2Mb / 44P
Quad Analog-to-Digital Converter (ADC)
REV. 0
ADAU1979 AD-ADAU1979 Datasheet
1Mb / 44P
Quad Analog-to-Digital Converter (ADC)
REV. 0
logo
Texas Instruments
OPA625 TI1-OPA625 Datasheet
2Mb / 46P
18-Bit Analog-to-Digital Converter (ADC) Drivers
OPA626 TI1-OPA626 Datasheet
2Mb / 39P
Analog-to-Digital Converter (ADC) Drivers
logo
Analog Devices
AD9642 AD-AD9642_17 Datasheet
1Mb / 29P
1.8 V Analog-to-Digital Converter (ADC)
23-Feb-2017
AD9258 AD-AD9258 Datasheet
2Mb / 45P
Analog-to-Digital Converter (ADC)
Rev. A
AD9268 AD-AD9268_17 Datasheet
2Mb / 45P
1.8 V Dual Analog-to-Digital Converter (ADC)
Rev. A
ADAU1978 AD-ADAU1978_14 Datasheet
1Mb / 44P
Quad Analog-to-Digital Converter (ADC)
1/14-Rev. 0 to Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com