Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P82CF201 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # P82CF201
Description  Low power, low price dual fan manager
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P82CF201 Datasheet(HTML) 4 Page - NXP Semiconductors

  P82CF201 Datasheet HTML 1Page - NXP Semiconductors P82CF201 Datasheet HTML 2Page - NXP Semiconductors P82CF201 Datasheet HTML 3Page - NXP Semiconductors P82CF201 Datasheet HTML 4Page - NXP Semiconductors P82CF201 Datasheet HTML 5Page - NXP Semiconductors P82CF201 Datasheet HTML 6Page - NXP Semiconductors P82CF201 Datasheet HTML 7Page - NXP Semiconductors P82CF201 Datasheet HTML 8Page - NXP Semiconductors P82CF201 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Philips Semiconductors
Product data
P82CF201
Low power, low price dual fan manager
2002 Nov 18
4
su01718
RrefC DRIVE
RthermC DRIVE
RrefC
Rref
INTERNAL Vref
COMPARATOR
RthermC
Rtherm
Figure 2.
Fan Drive
Depending on the value of the thermistor, the fans will be driven by
MOSFET with a PWM signal.
When the thermistor resistance is higher than 10 K
Ω and
THRESHOLD is set to “0” , the fan will be turned off.
However when the thermistor resistance is higher than 10 K
Ω and
THRESHOLD is set to “0” , the fan will be driven by a 30% duty
cycle.
When the thermistor resistance is 10 K
Ω, the fan will be driven by a
30% duty cycle PWM signal.
When the thermistor resistance is 1.7 K
Ω, the fan will be driven by a
95% duty cycle PWM signal.
Any value in between is linear.
A Hysteresis with 30% PWM duty cycle (when THRESHOLD = 0) is
introduced to maintain constant cooling when the thermistor cools
from 10K (approx. 25
°C) to down 15K (approx. 20 °C). This reduces
on/off cycling for small temperature fluctuation.
When THRESHOLD is not connected or tied to “1”, the fans will
have a 30% PWM duty cycle to maintain constant cooling whenever
power is applied.
In most application, the VGS (Gate-Source Turn-on voltage) of the
MOSFET is lower than the VOH (VDD-0.7) of the fan drive pins.
When the VGS of MOSFET is higher than VOH, a non-inverting
amplifier (for N-type MOSFet) is needed. For easy reference, this
circuit is shown in Figure 5.
su01719
30%
95%
98%
PWM
Rtherm
1.7K
10K
15K
HYSTERESIS
(THRESHOLD = 0)
Figure 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com