Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P82CF201 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # P82CF201
Description  Low power, low price dual fan manager
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P82CF201 Datasheet(HTML) 3 Page - NXP Semiconductors

  P82CF201 Datasheet HTML 1Page - NXP Semiconductors P82CF201 Datasheet HTML 2Page - NXP Semiconductors P82CF201 Datasheet HTML 3Page - NXP Semiconductors P82CF201 Datasheet HTML 4Page - NXP Semiconductors P82CF201 Datasheet HTML 5Page - NXP Semiconductors P82CF201 Datasheet HTML 6Page - NXP Semiconductors P82CF201 Datasheet HTML 7Page - NXP Semiconductors P82CF201 Datasheet HTML 8Page - NXP Semiconductors P82CF201 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Philips Semiconductors
Product data
P82CF201
Low power, low price dual fan manager
2002 Nov 18
3
su01717
RC CONTROL
RESISTANCE
MEASUREMENT
FAULT
DETECTION
WATCHDOG
RESET
PWM 1 & 2
RrefC DRIVE
RthermC DRIVE
FAULT
VSENSE2
VSENSE1
FAN1DRIVE
FAN2DRIVE
RrefC
RthermC
Figure 1. Functional Block Diagram.
FUNCTIONAL DESCRIPTION
PWM Description
The PWM controls the fan speed by comparing the thermistor
resistance to a reference resistance. This ratio translates into the
duty cycle of the PWM.
The PWM controls the fan speed proportionally to the thermistor
resistance. The 30Hz PWM duty cycle has resistance control range
from 10K to 1.75 K
Ω (typical for NTC thermistor) for 30% to 98%
output duty cycle. The PWM pins drive a low cost PNP transistor to
give a good drive into the N-channel MOSFET as the low side
power switch element in the system. Example of drive circuits will be
shown Figure 4. This output has asymmetric complementary drive.
Since the system relies on PWM rather than linear power control,
the dissipation in the power switch is kept to a minimum. Generally,
very small devices (TO-92 or SOT package) will suffice.
500 mS Delay Turn-On Description
When temperatures rise above 25
°C and THRESHOLD is tied to
GND (NTC thermistor at 10K or less) for both fans, there is a turn-on
delay of 500 mS for the second fan. This reduces the inrush current
and suppresses acoustic noise.
Thermistor Measurement Description
A resistor can be measured using a comparator, which compares
the RC time of a known reference resistance with the RC time of an
unknown resistor value. Since the same capacitor and internal
voltage reference are used throughout, it results in a simple
calculation.
Runknown =
((RunknownChargingTime*Rreference)/RreferenceChargingTime)
The RC circuits are charged in sequence, until they reach an
internal voltage reference of 1.23 V.
The RC charging time is measured in the 256uSec - 65535uSec.
This range is divided up in 256 time increments. Values of R and C
have to be chosen so that it will be within that window.
The RC charging time of the reference resistor and thermistor are
measured. The thermistor value is calculated by comparing the RC
time of the Reference resistor and RC time of the thermistor.
Rthermistor = ((RthermistorCTime*Rreference)/RreferenceCTime)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com