Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P82CF201 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # P82CF201
Description  Low power, low price dual fan manager
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P82CF201 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button P82CF201 Datasheet HTML 2Page - NXP Semiconductors P82CF201 Datasheet HTML 3Page - NXP Semiconductors P82CF201 Datasheet HTML 4Page - NXP Semiconductors P82CF201 Datasheet HTML 5Page - NXP Semiconductors P82CF201 Datasheet HTML 6Page - NXP Semiconductors P82CF201 Datasheet HTML 7Page - NXP Semiconductors P82CF201 Datasheet HTML 8Page - NXP Semiconductors P82CF201 Datasheet HTML 9Page - NXP Semiconductors P82CF201 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Philips Semiconductors
Product data
P82CF201
Low power, low price dual fan manager
2002 Nov 18
6
SU01722
1
2
3
4
5
6
7
8
9
11
12
13
14
15
16
17
18
19
20
10
3.3 V
3.3 V
Rref 10 K
C 4.7
µF
Rtherm
2.4 K
Ω
TYPICAL
12 V
12 V
VSENSE2
FAN FAULT
VSENSE1
FAN2 DRIVE
VSENSE2
FAN
12 V
MOSFET2
VSENSE1
12 V
MOSFET1
FAN1 DRIVE
FAN1
2-WIRE
FAN
FAN2
2-WIRE
FAN
D2 DIODE
D1 DIODE
2.2
Ω
RSENSE2
3.3 V
3.3 V
2.2
Ω
RSENSE1
FAN
2.4 K
Ω
TYPICAL
P82CF201
Figure 5. Typical application diagram.
su01721
Vref_Peak
0.5 sec
Figure 6. Waveform at Capacitor wrt Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com