Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P82CF201 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # P82CF201
Description  Low power, low price dual fan manager
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P82CF201 Datasheet(HTML) 5 Page - NXP Semiconductors

  P82CF201 Datasheet HTML 1Page - NXP Semiconductors P82CF201 Datasheet HTML 2Page - NXP Semiconductors P82CF201 Datasheet HTML 3Page - NXP Semiconductors P82CF201 Datasheet HTML 4Page - NXP Semiconductors P82CF201 Datasheet HTML 5Page - NXP Semiconductors P82CF201 Datasheet HTML 6Page - NXP Semiconductors P82CF201 Datasheet HTML 7Page - NXP Semiconductors P82CF201 Datasheet HTML 8Page - NXP Semiconductors P82CF201 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Philips Semiconductors
Product data
P82CF201
Low power, low price dual fan manager
2002 Nov 18
5
Motor Failure Detection and fault Reporting
(including watchdog reset)
As shown in Figure 4, the VSENSE input is connected to the collector
of NPN transistor through an inverting buffer transistor (2N3904 or
PMBT3904D) which amplifies the signal from the low-value current
sensing resistor in the ground return leg of the fan circuit. During
normal fan operation, communication occurs as each pole of the fan
is energized.
The fan current develops across the sense resistor(RSENSE). This a
voltage follower of the PWM pin.
In a running motor, a current will flow through the resistor RSENSE
resulting in a voltage drop. The commutation will cause a narrow
window where there is no current flow. Motor detection is done by
the presence of commutation pulses. If there is constant voltage
level on the VSENSE pin when the motor is driven by a PWM signal,
the motor is jammed. When there is no voltage at all, the motor
might not be connected or the MOSFET is defective. The fault
condition also triggers the maximum PWM applied to the running
fan.
To detect the commutation pulses correctly, the VSENSE input needs
a logic high level of 0.2*VDD+0.9 V. (For example:
1.56 V@VDD=3.3 V). The design of proper sense circuitry is a
matter of scaling the RSENSE and the gain in buffer transistor to
meet the logic high as shown in Figure 4. Assuming the VBE(min) of
the transistor is approx. 0.5 V. Table 1 lists some recommended
RSENSE values according to the nominal operating current.
Table 1. Recommended values of RSENSE per
Figure 4
Nominal Fan Current(mA)
Min RSENSE(ohms)
100
5.1
200
2.5
450
2.2
800
1.0
In addition, when the thermistor resistance falls below 1.7 K
Ω (for
NTC thermistor) indicating temperature above 76
°C, the fault line
will be asserted.
When the fan fails continuously, the fault signal will be held on LOW.
su01720
FANXDRIVE
VSENSEx
3.3 V
12 V FAN
+12 V
Q1
SI4410DY
RSENSE
(2.2
Ω TYPICAL)
+12 V
3.3 V
Figure 4. Interfacing the 82CF201 to a 2-Wire fan.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com