Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P82CF201 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # P82CF201
Description  Low power, low price dual fan manager
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P82CF201 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button P82CF201 Datasheet HTML 3Page - NXP Semiconductors P82CF201 Datasheet HTML 4Page - NXP Semiconductors P82CF201 Datasheet HTML 5Page - NXP Semiconductors P82CF201 Datasheet HTML 6Page - NXP Semiconductors P82CF201 Datasheet HTML 7Page - NXP Semiconductors P82CF201 Datasheet HTML 8Page - NXP Semiconductors P82CF201 Datasheet HTML 9Page - NXP Semiconductors P82CF201 Datasheet HTML 10Page - NXP Semiconductors P82CF201 Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Philips Semiconductors
Product data
P82CF201
Low power, low price dual fan manager
2002 Nov 18
7
ABSOLUTE MAXIMUM RATINGS
PARAMETER
RATING
UNIT
Operating temperature under bias
–55 to +125
°C
Storage temperature range
–65 to +150
°C
Voltage on any other pin to VSS
–0.5 to 5.5 V
V
Maximum IOL per I/O pin
20
mA
Power dissipation (based on package heat transfer, not device power consumption)
1.5
W
NOTES:
1. Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only and
functional operation of the device at these or any conditions other than those described in the AC and DC Electrical Characteristics section
of this specification are not implied.
2. This product includes circuitry specifically designed for the protection of its internal devices from the damaging effects of excessive static
charge. Nonetheless, it is suggested that conventional precautions be taken to avoid applying greater than the rated maximum.
3. Parameters are valid over operating temperature range unless otherwise specified. All voltages are with respect to VSS unless otherwise
noted.
4. Parameters are valid over operating temperature range unless otherwise specified. All voltages are with respect to VSS unless otherwise
noted.
DC ELECTRICAL CHARACTERISTICS
VDD = 3.0 V to 5.5 V unless otherwise specified; Tamb = 0 °C to +70 °C, unless otherwise specified
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNIT
MIN
TYP
MAX
IDD
Power supply current operating current
PWM =off, no fault
3.0 V < VDD < 5.5 V
2.2
5.5
mA
VIL
Input LOW voltage (TTL input) all
Rsense
4.0 V < VDD < 5.5 V
–0.5
0.2 VDD–0.1
V
3.0 V < VDD < 4.0 V
–0.5
0.7
V
VIH
Input HIGH voltage (TTL input) all
Rsense
0.2 VDD+0.9
VDD+0.5
V
VOL
Output LOW voltage all fan drive pins
IOL=3.2 mA, VDD=3.0 V
–
0.4
V
VOL1
Output LOW voltage all fan drive pins
IOL=20 mA, VDD=3.0 V
–
1.0
V
VOH
Output HIGH voltage all fan drive pins
IOH=-20 µA, VDD=3.0 V
VDD–0.7 V
–
V
IOH=-30 µA, VDD=4.5 V
VDD–0.7 V
–
V
VOH1
Output HIGH voltage all fan drive pins
IOH1=-1.0 mA,
VDD=3.0 V
VDD–0.7 V
–
V
CIO
Input/Output pin capacitance
–
15
pF
IIL
Logical 0 input current, all Rsense
VIN = 0.4 V
–
-50
µA
ILI
Input leakage current, all Rsense,
RthermC, RThermDrive, RrefC and
RrefCDrive
VIN = VIL or VIH
–
±2
µA
IBOLOW
Brownout trip voltage with BOV=1
2.35
2.69
V
COMPARATOR (RTHERMC AND RREFC) ELECTRICAL CHARACTERISTICS
VDD = 3.0 V to 5.5 V unless otherwise specified; Tamb = 0 °C to +70 °C, unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNIT
MIN
TYP
MAX
VIO
Offset voltage comparator inputs1
–
±10
mV
VCR
Common mode range comparator
inputs
0
VDD–0.3
V
IIL
Input leakage current, comparator
0 < VIN < VDD
–
±10
µA
NOTE:
1. This parameter is guaranteed by characterization but not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com