Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8939TH Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TDA8939TH
Description  Zero dead time Class-D 7.5 A power comparator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8939TH Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA8939TH Datasheet HTML 2Page - NXP Semiconductors TDA8939TH Datasheet HTML 3Page - NXP Semiconductors TDA8939TH Datasheet HTML 4Page - NXP Semiconductors TDA8939TH Datasheet HTML 5Page - NXP Semiconductors TDA8939TH Datasheet HTML 6Page - NXP Semiconductors TDA8939TH Datasheet HTML 7Page - NXP Semiconductors TDA8939TH Datasheet HTML 8Page - NXP Semiconductors TDA8939TH Datasheet HTML 9Page - NXP Semiconductors TDA8939TH Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
9397 750 13023
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Objective data sheet
Rev. 01 — 22 April 2004
6 of 21
Philips Semiconductors
TDA8939
Zero dead time Class-D 7.5 A power comparator
The block diagram of diagnostic output including OTP, OCP and OVP is illustrated in
Figure 3. The diagnostic output (pin 7) is an open-drain output; a pull-up resistor
connected to +Vpull-up has to be applied externally.
8.3 Interfacing between controller and the TDA8939
For interfacing with a digital PWM controller IC or microcontroller in the final system
application the following inputs and outputs are available see Table 4 and 5.
8.3.1 Inputs
Fig 3.
OCP, OTP and OVP protection: S/R latch.
001aaa623
+Vpull-up
OTP
LATCH
OCP
OVP
S
RQ
enable
disable power stage
+Vint
TDA8939
open-drain
DIAGN
CGND
R2
Rpu
C1
R1
Table 4:
Inputs
Pin name
Pin number
Description
IN1P and
IN1N
4 and 2
full differential input for output channel 1; referenced with respect
to each other; common mode referenced to VSSD
IN2P and
IN2N
9 and 11
full differential input for output channel 2; referenced with respect
to each other; common mode referenced to VSSD
POWERUP
5
standby switch; reference to CGND; at a LOW level the device is
in standby mode and consumes a very low standby current. At
HIGH level the device is DC-biased (switch-on of internal
reference voltages and currents). The device can only be
switched to full operating mode by the enable input, if the
power-up input is at HIGH level.
ENABLE
6
mode switch; reference to CGND; at a LOW level the power
D-MOS switches are open and the PWM output is floating; all
internal logic circuits are in reset condition. At a HIGH level the
power comparator is fully operational if the power-up input is also
at a HIGH level. In this condition the power comparator outputs
are controlled by the input pins (IN1P, IN1N, IN2P and IN2N); see
also Figure 6. The enable input signal is also used to reset the
protection latch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com