Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8939TH Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDA8939TH
Description  Zero dead time Class-D 7.5 A power comparator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8939TH Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA8939TH Datasheet HTML 1Page - NXP Semiconductors TDA8939TH Datasheet HTML 2Page - NXP Semiconductors TDA8939TH Datasheet HTML 3Page - NXP Semiconductors TDA8939TH Datasheet HTML 4Page - NXP Semiconductors TDA8939TH Datasheet HTML 5Page - NXP Semiconductors TDA8939TH Datasheet HTML 6Page - NXP Semiconductors TDA8939TH Datasheet HTML 7Page - NXP Semiconductors TDA8939TH Datasheet HTML 8Page - NXP Semiconductors TDA8939TH Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
9397 750 13023
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Objective data sheet
Rev. 01 — 22 April 2004
3 of 21
Philips Semiconductors
TDA8939
Zero dead time Class-D 7.5 A power comparator
6.
Block diagram
Fig 1.
Block diagram.
001aaa624
ZERO
DEAD TIME
CONTROL
STAB
12 V
PROTECTION
LATCH
Q
S
R
≥
OTP
OCP
OVP
UVP
temperature sensor
current protection
overvoltage protection
undervoltage protection
DRIVER
HIGH
DRIVER
LOW
ZERO
DEAD TIME
CONTROL
STAB
12 V
DRIVER
HIGH
DRIVER
LOW
VSSD
heatsink
n.c.
sub
24
22
23
BOOT1
VDDP1
21
7
DIAGN
6
ENABLE
8
CGND
10
VDDA2
9
IN2P
12
VSSA2
11
IN2N
5
POWERUP
1
VSSA1
2
IN1N
4
IN1P
3
VDDA1
OUT1
19
STAB1
20
VSSP1
15
BOOT2
14
VDDP2
16
OUT2
18
STAB2
17
VSSP2
TDA8939TH
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com