Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8939TH Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA8939TH
Description  Zero dead time Class-D 7.5 A power comparator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8939TH Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA8939TH Datasheet HTML 1Page - NXP Semiconductors TDA8939TH Datasheet HTML 2Page - NXP Semiconductors TDA8939TH Datasheet HTML 3Page - NXP Semiconductors TDA8939TH Datasheet HTML 4Page - NXP Semiconductors TDA8939TH Datasheet HTML 5Page - NXP Semiconductors TDA8939TH Datasheet HTML 6Page - NXP Semiconductors TDA8939TH Datasheet HTML 7Page - NXP Semiconductors TDA8939TH Datasheet HTML 8Page - NXP Semiconductors TDA8939TH Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
9397 750 13023
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Objective data sheet
Rev. 01 — 22 April 2004
2 of 21
Philips Semiconductors
TDA8939
Zero dead time Class-D 7.5 A power comparator
4.
Quick reference data
[1]
When the supply voltage is below
±12.5 V the PWM outputs will not be able to switch to the high side at the
first PWM cycle.
5.
Ordering information
Table 1:
Quick reference data
VP = ±25 V; fcarrier = 384 kHz.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VP
supply voltage
symmetrical supply
voltage
[1]
±10
±25
±30
V
asymmetrical supply
voltage
20
50
60
V
Iq(tot)
total quiescent current no load connected; no
filters; no snubbers
connected
-
5070mA
η
efficiency
Prated
-90
-
%
Table 2:
Ordering information
Type
number
Package
Name
Description
Version
TDA8939TH
HSOP24
plastic, heatsink small outline package; 24 leads; low
stand-off height
SOT566-3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com