Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8939TH Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA8939TH
Description  Zero dead time Class-D 7.5 A power comparator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8939TH Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA8939TH Datasheet HTML 9Page - NXP Semiconductors TDA8939TH Datasheet HTML 10Page - NXP Semiconductors TDA8939TH Datasheet HTML 11Page - NXP Semiconductors TDA8939TH Datasheet HTML 12Page - NXP Semiconductors TDA8939TH Datasheet HTML 13Page - NXP Semiconductors TDA8939TH Datasheet HTML 14Page - NXP Semiconductors TDA8939TH Datasheet HTML 15Page - NXP Semiconductors TDA8939TH Datasheet HTML 16Page - NXP Semiconductors TDA8939TH Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
xxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx x xxxxxxxxxxxxxx xxxxxxxxxx xxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxx
xxxxx xxxxxx xx xxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxx xxxxxxx xxxxxxxxxxxxxxxxxxx
xxxxxxxxxxxxxxxx xxxxxxxxxxxxxx xxxxxx xx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxx xxxxx x x
(1) For 8
Ω BTL and f
corner = 40.2 kHz: L2 = L3 = 27 µH; C11 = C18 = 470 nF.
For 8
Ω BTL and f
corner = 44.5 kHz: L2 = L3 = 22 µH; C11 = C18 = 470 nF.
For 4
Ω BTL and f
corner = 47.7 kHz: L2 = L3 = 10 µH; C11 = C18 = 1 µF.
Fig 8.
Typical application diagram using a single (asymmetrical) supply voltage.
001aaa628
TDA8939TH
DIGITAL PWM
CONTROLLER
R13
IN2pos
VSSA1
VSSA2
VSSP1
VSSD
VSSP2
47
Ω
CGND
IN2neg
R10
DIAGN
47
Ω
R9
ENABLE
47
Ω
POWERUP
VDDA1
VDDP1
VDDA2
VDDP2
OUT1
BOOT1
OUTpos
CON3
OUTPUT
OUTneg
STAB1
R7
IN1pos
47
Ω
R5
R2
1 k
Ω
R4
10
Ω
R6
10
Ω
(0.25 W)
R8
22
Ω
(1 W)
C12
220 nF
C3
470
µF
(63 V)
C9
220 pF
C10
100 nF
C11(1)
L2 (1)
L3(1)
C15
100 nF
C13
100 nF
STAB2
BOOT2
OUT2
n.c.
C14
100 nF
V
+
V
+
C8
220 pF
R3
10
Ω
R1
10 k
Ω
IN1neg
9
112
20
24
17
13
16
15
18
19
22
21
8
11
7
6
5
4
2
310
23
14
47
Ω
C4
C1
100 nF
C2
1000
µF
(63 V)
100 nF
C5
100 nF
C6
100 nF
C7
100 nF
R11
47
Ω
VCC
V
+
OUTneg
OUTpos
power stage on/off
overload
R14
10
Ω
(0.25 W)
C17
220 pF
V
+
C16
220 pF
R12
22
Ω
(1 W)
C19
220 nF
C18(1)
1
2
CON1
SUPPLY
VDD
+50 V
L1
BEAD
1
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com