Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8939TH Datasheet(PDF) 21 Page - NXP Semiconductors

Part # TDA8939TH
Description  Zero dead time Class-D 7.5 A power comparator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8939TH Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button TDA8939TH Datasheet HTML 13Page - NXP Semiconductors TDA8939TH Datasheet HTML 14Page - NXP Semiconductors TDA8939TH Datasheet HTML 15Page - NXP Semiconductors TDA8939TH Datasheet HTML 16Page - NXP Semiconductors TDA8939TH Datasheet HTML 17Page - NXP Semiconductors TDA8939TH Datasheet HTML 18Page - NXP Semiconductors TDA8939TH Datasheet HTML 19Page - NXP Semiconductors TDA8939TH Datasheet HTML 20Page - NXP Semiconductors TDA8939TH Datasheet HTML 21Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
© Koninklijke Philips Electronics N.V. 2004
All rights are reserved. Reproduction in whole or in part is prohibited without the prior
written consent of the copyright owner. The information presented in this document does
not form part of any quotation or contract, is believed to be accurate and reliable and may
be changed without notice. No liability will be accepted by the publisher for any
consequence of its use. Publication thereof does not convey nor imply any license under
patent- or other industrial or intellectual property rights.
Date of release: 22 April 2004
Document order number: 9397 750 13023
Published in The Netherlands
Philips Semiconductors
TDA8939
Zero dead time Class-D 7.5 A power comparator
23. Contents
1
General description . . . . . . . . . . . . . . . . . . . . . . 1
2
Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
3
Applications . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
4
Quick reference data . . . . . . . . . . . . . . . . . . . . . 2
5
Ordering information . . . . . . . . . . . . . . . . . . . . . 2
6
Block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . 3
7
Pinning information . . . . . . . . . . . . . . . . . . . . . . 4
7.1
Pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
7.2
Pin description . . . . . . . . . . . . . . . . . . . . . . . . . 4
8
Functional description . . . . . . . . . . . . . . . . . . . 5
8.1
General . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
8.2
Protections . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
8.3
Interfacing between controller and the TDA8939 .
6
8.3.1
Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
8.3.2
Outputs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
8.3.3
Reference voltages . . . . . . . . . . . . . . . . . . . . . . 7
8.4
Start-up timing . . . . . . . . . . . . . . . . . . . . . . . . . 7
9
Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 8
10
Thermal characteristics. . . . . . . . . . . . . . . . . . . 8
11
Static characteristics. . . . . . . . . . . . . . . . . . . . . 9
12
Dynamic characteristics . . . . . . . . . . . . . . . . . 10
13
Output power estimation. . . . . . . . . . . . . . . . . 12
14
Application information. . . . . . . . . . . . . . . . . . 13
15
Test information . . . . . . . . . . . . . . . . . . . . . . . . 14
15.1
Quality information . . . . . . . . . . . . . . . . . . . . . 14
16
Package outline . . . . . . . . . . . . . . . . . . . . . . . . 15
17
Soldering . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
17.1
Introduction to soldering surface mount
packages . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
17.2
Reflow soldering . . . . . . . . . . . . . . . . . . . . . . . 16
17.3
Wave soldering . . . . . . . . . . . . . . . . . . . . . . . . 16
17.4
Manual soldering . . . . . . . . . . . . . . . . . . . . . . 17
17.5
Package related soldering information . . . . . . 17
18
Revision history . . . . . . . . . . . . . . . . . . . . . . . . 19
19
Data sheet status . . . . . . . . . . . . . . . . . . . . . . . 20
20
Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
21
Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
22
Contact information . . . . . . . . . . . . . . . . . . . . 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com