Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC49021 Datasheet(PDF) 5 Page - E-CMOS Corporation

Part # EC49021
Description  USB Charger Enhance IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC49021 Datasheet(HTML) 5 Page - E-CMOS Corporation

  EC49021 Datasheet HTML 1Page - E-CMOS Corporation EC49021 Datasheet HTML 2Page - E-CMOS Corporation EC49021 Datasheet HTML 3Page - E-CMOS Corporation EC49021 Datasheet HTML 4Page - E-CMOS Corporation EC49021 Datasheet HTML 5Page - E-CMOS Corporation EC49021 Datasheet HTML 6Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
EC49021
USB Charger Enhance IC
E-CMOS Corp. (www.ecmos.com.tw)
Page 5 of 6
4I01N-Rev.F002
4. The EC49021 support most of the common protocols:
■ USB Battery Charging Specification, Revision 1.2(BC 1.2)
■ China Telecommunications Industry Standard YD/T 1591-2009
■ Specified Divider Mode
5. There are three types of charging ports defined to provide different current to the USB device.
■ Standard downstream port(SDP)
■ Charging downstream port(CDP)
■ Dedicated charging port(DCP)
The BC1.2 specification defines the charging USB port that provides power for the portable device.
6. Dedicated Charging Port (DCP) The DCP is a downstream port on the device which generally allows portable devices
with fast charge at their maximum rated current. A USB charger with DCP can be a wall adapter or vehicle power
adapter. The electrical characteristics in the data D+ and D- data lines can identify the charging mode.
7. Short the D+ line to the D- line
The USB BC1.2 Specification and the China Telecommunications Industry Standard YD/T 1501-2009 define the D+ and
D- should be shorted. This is shown as below
8. Divider Mode
There are some different charging schemes for the DCP mode. All of them have different voltage levels on the D+ line
and D- line. This is shown as below
The EC49021 can detect the D+ line and D- line voltages automatically and provide the correct signals on the D+ and D-
pins for the different USB portable device to fast charge.
IMPORTANT NOTICE
The products are not intended for use in life support appliances, devices, or systems. Use in such
applications are expressly prohibited.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com