Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC49021 Datasheet(PDF) 3 Page - E-CMOS Corporation

Part # EC49021
Description  USB Charger Enhance IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC49021 Datasheet(HTML) 3 Page - E-CMOS Corporation

  EC49021 Datasheet HTML 1Page - E-CMOS Corporation EC49021 Datasheet HTML 2Page - E-CMOS Corporation EC49021 Datasheet HTML 3Page - E-CMOS Corporation EC49021 Datasheet HTML 4Page - E-CMOS Corporation EC49021 Datasheet HTML 5Page - E-CMOS Corporation EC49021 Datasheet HTML 6Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
EC49021
USB Charger Enhance IC
E-CMOS Corp. (www.ecmos.com.tw)
Page 3 of 6
4I01N-Rev.F002
PARAMETER
MIN
MAX
UNITS
Supply Voltage
VCC
-0.3
7
V
Input / Output Voltage
MODE, D+, D-
-0.3
7
V
Operating Temperature Range
TO
-20
+85
Storage Temperature Range
TS
-65
150
Human Body Model (HBM)
*NOTE1
±8 (Class-3B)
KV
ESD Protection Rating
Machine Model (MM)
*NOTE2
±200 (Class-M4)
V
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
Operating range, Vcc
-
4.5
-
5.5
V
Operating current, Icc
Vcc=5V
-
500
-
uA
MODE, D+, D-
D+ output impedance
Vcc=5V
35
-
65
K
D- output impedance
Vcc=5V
35
-
65
K
MODE, D+, D-
-
0
-
Vcc,
V
ABSOLUTE MAXIMUM RATINGS
Note1: Testing Facility:
- Testing Ambient Condition [Temperature: 25±5 ℃] [Humidity:55±10%]
- Reference Documents [MIL-STD-883H/Method 3015.8]
- Human Body Model Rating:
Class 0:
0V ~ 249V
Class 1A:
250V ~ 499V
Class 1B:
500V ~ 999V
Class 1C:
1000V ~ 1999V
Class 2:
2000V ~ 3999V
Class 3A:
4000V ~ 7999V
Class 3B:
8000V ~
Note2: Testing Facility:
- Testing Ambient Condition [Temperature: 25±5 ℃] [Humidity:55±10%]
- Reference Documents [AHSI/ESD S5.2-2009]
- Machine Model Rating
Class M1:
0V ~ 99V
Class M2:
100V ~ 199V
Class M3:
200V ~ 399V
Class M4:
400V ~
CAUTION
This integrated circuit has been designed carefully in the ESD protection ability. Failure to observe
proper handling and installation procedures may cause damage. Recommend that all integrated circuits
should be handled with appropriate precautions.
ELECTRICAL CHARACTERISTICS ( For VCC=5V and Tj=25 oC )



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com