Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC49021 Datasheet(PDF) 1 Page - E-CMOS Corporation

Part # EC49021
Description  USB Charger Enhance IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC49021 Datasheet(HTML) 1 Page - E-CMOS Corporation

  EC49021 Datasheet HTML 1Page - E-CMOS Corporation EC49021 Datasheet HTML 2Page - E-CMOS Corporation EC49021 Datasheet HTML 3Page - E-CMOS Corporation EC49021 Datasheet HTML 4Page - E-CMOS Corporation EC49021 Datasheet HTML 5Page - E-CMOS Corporation EC49021 Datasheet HTML 6Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
EC49021
USB Charger Enhance IC
E-CMOS Corp. (www.ecmos.com.tw)
Page 1 of 6
4I01N-Rev.F002
DESCRIPTIO
O
O
ONS
The EC49021 is designed for USB dedicated charging port (DCP) controller. The EC49021 can automatically detect and
provide the correct signal on the D+ and D- data lines to the USB devices. The internal dedicated charging schemes can
change the charging mode for the different USB device.
■ BC1.2 DCP that short the D+ line to the D- line
■ Apple divider DCP that apply specified voltage on the D+ and D- lines
■ Samsung specification that apply specified voltage on the D+ and D- lines
The EC49021 set the USB interface data D+ and D- to the required condition then the handheld charging device will start
to charge current as much as possible from the power source .
FEATURE
■ Operating range: 4.5V to 5.5V
■ Automatically switch data lines D+ and D- connections for the attached USB device
■ Supports Samsung device charging mode
■ Supports BC1.2 charging specification mode
■ Supports selectable Apple 1A ,2A and 2.4A charging mode
■ Supports most of mainstream USB device fast charging
■ RoHS compliant and lead-free package
■ SOT23-5 package
APPLICATION
■ AC-DC wall adapter with USB port
■ Vehicle USB power charger
■ Other USB charger
■ Power bank USB charger
ORDERING INFORMATION
EC49021NN XX X
Part Number
Package
Marking
Marking Information
EC49021NNB2R
SOT23-5L
49021
LLLLL
1.
LLLLL:Lot No.
B2:SOT23-5
R:Tape & Reel


Similar Part No. - EC49021

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC49021AD E-CMOS-EC49021AD Datasheet
136Kb / 5P
Dual/Single USB Charger Port Controller
EC49021ADB3R E-CMOS-EC49021ADB3R Datasheet
136Kb / 5P
Dual/Single USB Charger Port Controller
EC49021AS E-CMOS-EC49021AS Datasheet
136Kb / 5P
Dual/Single USB Charger Port Controller
EC49021ASB3R E-CMOS-EC49021ASB3R Datasheet
136Kb / 5P
Dual/Single USB Charger Port Controller
More results

Similar Description - EC49021

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3947 NSC-LP3947 Datasheet
649Kb / 14P
USB/AC Adaptor, Single Cell Li-Ion Battery Charger IC
logo
Feature Integration Tec...
F75198 FINTEK-F75198 Datasheet
416Kb / 10P
USB Charger Controller
F75204 FINTEK-F75204 Datasheet
685Kb / 14P
USB Charger Controller
logo
Rohm
BD7168GU-E ROHM-BD7168GU-E Datasheet
4Mb / 60P
USB Switching Charger IC Integrating a USB Adapter Automatic Detection Function
logo
Microchip Technology
USB375X MICROCHIP-USB375X Datasheet
446Kb / 31P
USB 2.0 Protection IC with Battery Charger Detection
03/25/14
logo
SHENZHEN FUMAN ELECTRON...
9016R FUMAN-9016R Datasheet
285Kb / 5P
USB charger IC
9017R FUMAN-9017R Datasheet
231Kb / 5P
USB charger IC
DM06A FUMAN-DM06A Datasheet
175Kb / 3P
Charger IC
SC308 FUMAN-SC308 Datasheet
1Mb / 6P
Charger charger IC
logo
Maxim Integrated Produc...
MAX14576 MAXIM-MAX14576 Datasheet
988Kb / 12P
USB Charger Detectors
Rev 5; 5/19
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com