Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC49021 Datasheet(PDF) 4 Page - E-CMOS Corporation

Part # EC49021
Description  USB Charger Enhance IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC49021 Datasheet(HTML) 4 Page - E-CMOS Corporation

  EC49021 Datasheet HTML 1Page - E-CMOS Corporation EC49021 Datasheet HTML 2Page - E-CMOS Corporation EC49021 Datasheet HTML 3Page - E-CMOS Corporation EC49021 Datasheet HTML 4Page - E-CMOS Corporation EC49021 Datasheet HTML 5Page - E-CMOS Corporation EC49021 Datasheet HTML 6Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
EC49021
USB Charger Enhance IC
E-CMOS Corp. (www.ecmos.com.tw)
Page 4 of 6
4I01N-Rev.F002
MODE
Function
External pull-high with R1(1K )
Apple 2A mode
External pull-down with R2(1K )
Apple 1A mode
External pull-down with R2(2M )
Apple 2.4A mode
FUNCTION DESCRIPTION
1.
The EC49021 is an USB dedicated charging port (DCP) controller. The built-in auto-detect function can monitors the
voltage of D+ and D- data lines. To provide the correct voltage level on the D+ and D- data lines automatically, the
compliant USB devices can be charged with the charging current as much as possible. That can reduce the charging
time when use the EC49021 as the controller in the USB charge feature kit.
2. MODE truth table
Reference Application Circuit
CAUTION:
When select the charge mode, please make sure the current ability of power source that can provide the
desiredcontinue current. Any maximum continue charging current must not exceed the limited of the maximum current
rating ofthe power source, like wall adapter, vehicle USB charger, and other USB charger.
2.
The EC49021 only control the voltage of D+/ D - lines on the USB port to support the auto-detect charging
procedure and does not control the USB power (VBUS) operation. The remaining battery capacity in the compliant
USB devices may affect the charging current. If the remaining battery capacity is low, the charging current may be
high. Conversely the charging current may be low when the remaining battery capacity is high.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com