Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC49021 Datasheet(PDF) 2 Page - E-CMOS Corporation

Part # EC49021
Description  USB Charger Enhance IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC49021 Datasheet(HTML) 2 Page - E-CMOS Corporation

  EC49021 Datasheet HTML 1Page - E-CMOS Corporation EC49021 Datasheet HTML 2Page - E-CMOS Corporation EC49021 Datasheet HTML 3Page - E-CMOS Corporation EC49021 Datasheet HTML 4Page - E-CMOS Corporation EC49021 Datasheet HTML 5Page - E-CMOS Corporation EC49021 Datasheet HTML 6Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
EC49021
USB Charger Enhance IC
E-CMOS Corp. (www.ecmos.com.tw)
Page 2 of 6
4I01N-Rev.F002
Pin
Symbol
Type
Function
1
MODE
Input
Internal default pull high
Mode selection: 1A, 2A and 2.4A
2
GND
Ground
Ground
3
VCC
Power
Power
4
D+
Bi-direction
USB positive data line
5
D-
Bi-direction
USB negative data line
PIN INFORMATION
PIN DESCRIPTION
REFERENCE APPLICATION CIRCUIT



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com