Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7992 Datasheet(PDF) 11 Page - Analog Devices

Part # AD7992
Description  2-Channel, 12-Bit ADC with I2C Compatible Interface in 10-Lead MSOP
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7992 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7992 Datasheet HTML 7Page - Analog Devices AD7992 Datasheet HTML 8Page - Analog Devices AD7992 Datasheet HTML 9Page - Analog Devices AD7992 Datasheet HTML 10Page - Analog Devices AD7992 Datasheet HTML 11Page - Analog Devices AD7992 Datasheet HTML 12Page - Analog Devices AD7992 Datasheet HTML 13Page - Analog Devices AD7992 Datasheet HTML 14Page - Analog Devices AD7992 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
AD7992
–11–
REV. PrH
PRELIMINARYTECHNICAL DATA
Analog Input
Figure 6 shows an equivalent circuit of the analog input
sturcture of the AD7992. The two diodes D1 and D2
provide ESD protection for the analog inputs. Care must
be taken to ensure that the analog input signal never ex-
ceeds the supply rails by more than 300mV. This will
cause these diodes to become forward biased and start
conducting current into the substrate. 10 mA is the maxi-
mum current these diodes can conduct without causing
irreversable damage to the part. The capacitor C1 in Fig-
ure 6 is typically about 4pF and can primarily be attrib-
uted to pin capacitance. The resistor R1 is a lumped
component made up of the on resistance (RON) of a switch
(track and hold switch) and also includes the RON of the
input multiplexer. This resistor is typically about 100
Ω.
The capacitor C2 is the ADC sampling capacitor and has
a capacitance of 30 pF typically.
For ac applications, removing high frequency compo-
nents from the analog input signal is recommended by use
of an RC band-pass filter on the relevant analog input pin.
In applications where harmonic distortion and signal to
noise ratio are critical the analog input should be driven
from a low impedance source. Large source impedances
will significantly affect the ac performance of the ADC.
This may necessitate the use of an input buffer amplifier.
The choice of the op amp will be a function of the par-
ticular application.
When no amplifier is used to drive the analog input the
source impedance should be limited to low values. The
maximum source impedance will depend on the amount of
total harmonic distortion (THD) that can be tolerated.
The THD will increase as the source impedance increases
and performance will degrade. Figure 7 shows a graph of
the Total Harmonic Distortion vs. analog input signal
frequency for different source impedances when using a
supply voltage of 3V±10% and 5V ±10% and sampling at
a rate of xkSPS. Figure 8 shows a graph of the total har-
monic distortion versus analog input signal frequency for
various supply voltages while sampling at xkSPS .
Figure 6. Equivalent Analog Input Circuit
Figure 7. THD vs. Analog Input Frequency for
Various Source Impedance for VDD= 3V and 5V
Figure 8. THD vs. Analog Input Frequency,
Fs = xkSPS
Figure 5 AD7992 Typical Connection Diagram
VDD
VINx
GND
+5V SUPPLY
REF 19X
0.1µF
10µF
AD7992
0V to REFIN
INPUT
SDA
µC/µP
SCL
TWO WIRE SERIAL
INTERFACE
CONVST
0.1µF
ALERT
REF IN
RP
RP
RP
SET TO REQUIRED
ADDRESS
AS
VIN
D1
VDD
D2
R1
C2
30PF
C1
4PF
CONVERSION PHASE - SWITCH OPEN
TRACK PHASE - SWITCH CLOSED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com