Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7992 Datasheet(PDF) 14 Page - Analog Devices

Part # AD7992
Description  2-Channel, 12-Bit ADC with I2C Compatible Interface in 10-Lead MSOP
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7992 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD7992 Datasheet HTML 10Page - Analog Devices AD7992 Datasheet HTML 11Page - Analog Devices AD7992 Datasheet HTML 12Page - Analog Devices AD7992 Datasheet HTML 13Page - Analog Devices AD7992 Datasheet HTML 14Page - Analog Devices AD7992 Datasheet HTML 15Page - Analog Devices AD7992 Datasheet HTML 16Page - Analog Devices AD7992 Datasheet HTML 17Page - Analog Devices AD7992 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
AD7992
–14–
REV. PrH
PRELIMINARYTECHNICAL DATA
HYSTERESIS REGISTER (CH1/CH2)
The Hysteresis Register is a 16-bit read/write register, of
which only the 12 LSBs of the Register are used. The
Register stores the hysteresis value, N when using the limit
registers. Each pair of Limit registers has a dedicated hys-
teresis register. The hysteresis value determines the reset
point for the ALERT pin/Alert_Flag if a violation of the
limits has occurred. If a hysteresis value of say 8 LSBs is
required on the upper and lower limits of channel 1 then
the 12 bit word, 0000 0000 0000 1000, should be written
to Hysteresis Register CH1, the address of which is shown
in Table III. On power up, the Hysteresis Registers will
contain a value of 8 LSBs. If a different hysteresis value is
required then that value must be written to the Hysteresis
Register for the channel in question.
Table Xa.
Hysteresis Register (First Read/Write)
D15
D14
D13 D12
D11
D10
D9
D8
Alert_Flag 0
0
0
B11
B10
B 9
B 8
Table Xb.
Hysteresis Register (Second Read/Write)
D7
D6
D5
D4
D3
D2
D1
D0
B7
B6
B5
B4
B3
B2
B1
B0
Using the Limit Registers to Store Min/Max Conversion
Results
If fullscale, i.e. all 1s, are written to the Hysteresis regis-
ter for a channel then the DATAHIGH and DATALOW Reg-
isters for that channel will no longer act as Limit registers
as previously described, but instead they will act as storage
registers for the maximum and minimum conversion re-
sults returned from conversions on a channel over any
given period of time. This function is useful in applica-
tions where the widest span of actual conversion results is
required rather than using the ALERT to signal an inter-
vention is necessary, e.g. monitoring temperature ex-
tremes during refrigerated goods transportation.
It must be noted that on power-up, the contents of the
DATAHIGH register for each channel will be fullscale,
while the contents of the DATALOW registers will be
zeroscale by default so minimum and maximum conver-
sion values being stored in this way will be lost if power is
removed or cycled.
When using the limit registers to store the min and max
conversion results, the Alert_Flag bit in the limit regis-
ters, D15, is used to indicate that an alert has happened on
the other Input channel. If the Alert_Flag bit is set to 1, it
will be reset when the Conversion result returns to a value
at least N LSBs above the DATALOW Register value or
below the DATAHIGH Register value or if bits D2 and D1
of the Configuration Register are set to 1.
The Limit Registers can be used to monitor the conver-
sion results on one or both channels. The AD7992 will
signal an Alert (in either hardware or software or both
depending on configuration) if the result moves outside
the upper or lower limit set by the user.
DATAHIGH REGISTER CH1/CH2
The DATAHIGH Register for a channel is a 16-bit read/
write register, of which only the 12 LSBs are used. The
Register stores the upper limit that will activate the
ALERT output and/or the Alert_Flag bit in the Conver-
sion Result Register. If the value in the Conversion Result
Register is greater than the value in the DATAHIGH Regis-
ter, then the Alert_Flag bit is set to 1 and the ALERT pin
is activated (the latter is true if ALERT is enabled in the
Configuration Register). When the conversion result re-
turns to a value at least N LSBs below the DATAHIGH
Register value the ALERT output pin and Alert_Flag bit
will be reset. The value of N is taken from the 12-bit
Hysteresis register associated with that channel.
The
ALERT pin can also be reset by writing to bits D2,D1 in
the Configuration Register.
Table VIIIa.
DATAHIGH Register (First Read/Write)
D15
D14
D13 D12
D11
D10
D9
D8
Alert_Flag 0
0
0
B11
B10
B 9
B 8
Table VIIIb.
DATAHIGH Register (Second Read/Write)
D7
D6
D5
D4
D3
D2
D1
D0
B7
B6
B5
B4
B3
B2
B1
B0
DATALOW REGISTER CH0/CH1
The DATALOW Register for a channel is a 16-bit read/
write register, of which only the 12 LSBs are used. The
Register stores the lower limit that will activate the
ALERT output and/or the Alert_Flag bit in the conver-
sion result register. If the value in the Conversion Result
Register is less than the value in the DATALOW Register,
then the Alert_Flag bit is set to 1 and the ALERT pin is
activated (the latter is true if ALERT is enabled in the
Configuration Register). When the Conversion result re-
turns to a value at least N LSBs above
the DATALOW
Register value the ALERT ouput pin and Alert_Flag bit
will be reset. The value of N is taken from the 12-bit
Hysteresis register associated with that channel.
The
ALERT pin can also be reset by writing to bit D2,D1 in
the Configuration Register.
Table IXa.
DATALOW Register (First Read/Write)
D15
D14
D13 D12
D11
D10
D9
D8
Alert_Flag 0
0
0
B11
B10
B 9
B 8
Table IXb.
DATALOW Register (Second Read/Write)
D7
D6
D5
D4
D3
D2
D1
D0
B7
B6
B5
B4
B3
B2
B1
B0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com