Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7992 Datasheet(PDF) 20 Page - Analog Devices

Part # AD7992
Description  2-Channel, 12-Bit ADC with I2C Compatible Interface in 10-Lead MSOP
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7992 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD7992 Datasheet HTML 13Page - Analog Devices AD7992 Datasheet HTML 14Page - Analog Devices AD7992 Datasheet HTML 15Page - Analog Devices AD7992 Datasheet HTML 16Page - Analog Devices AD7992 Datasheet HTML 17Page - Analog Devices AD7992 Datasheet HTML 18Page - Analog Devices AD7992 Datasheet HTML 19Page - Analog Devices AD7992 Datasheet HTML 20Page - Analog Devices AD7992 Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
AD7992
–20–
REV. PrH
PRELIMINARYTECHNICAL DATA
Mode 2 -
This mode allows a conversion to be automatically initi-
ated anytime a read operation occurs. In order to use this
mode the command bits C2 - C1 in the Address Pointer
Register shown in Table II must be programmed. The
command bits C4 and C3 are not used and should contain
zeros at all times.
To select a channel for conversion in this mode, set the
corresponding channel command bits in the Address
Pointer byte, see Table XIII. To select both Analog inout
channels for conversion in this mode set both C1 and C2
to 1.
When all four command bits are 0 then this mode is
not in use.
Figure 13 illustrates a two byte read operation from the
Conversion Result Register. First ensure that the Address
pointer is pointing to the conversion result register. When
the contents of the Address Pointer Register are being
loaded, if the command bits C2 or C1 are set then the
AD7992 will begin to power up and convert upon the
selected channel(s), power-up will begin on the fifth SCL
falling edge of the Address Point Byte, see point A Figure
17. Table XIII shows the channel selection in this mode
via the command bits, C1 and C2 in the Address Pointer
Register. The wake-up and conversion time together
should take approximately 3
µs, and the conversion begins
when the last Command bit, C1 has been clocked in mid-
way through the write to the Address Pointer Register.
Following this, the AD7992 must be addressed again to
tell it that a read operation is required.
The read then
Figure 17. Mode 2 Operation
Table XIII. Channel Selection in Mode 2
C2
C1
Analog Input Channel
0
0
No Conversion
0
1
Conversion on VIN1
1
0
Conversion on VIN2
1
1
Conversion on VIN1 followed by Converion
on VIN2
takes place from the Conversion Result register. This read
will access the result from the conversion selected via the
command bits. If the Command bits C2, C1 were set to
1,1, then a four byte read would be necessary. The first
read accesses the data from the conversion on VIN1. While
this read takes place, a converion occurs on VIN2. The
second read will access this data from VIN2. Figure 18
illustrates how this mode operates.
After the conversion result has been read and if further
read bytes are issued the ADC will continuously convert
on the selected input channel(s). This has the effect of
increasing the overall throughput rate of the ADC.
When operating the AD7992-1 in Mode2 with Hs-Mode,
3.4 MHz SCL, the conversion may not be complete be-
fore the master tries to read the conversion result, if this is
the case the AD7992-1 will hold the SCL line low after
the read address during the ACK clock, until the conver-
sion is complete. When the conversion is complete the
AD7992-1 will release the SCL line and the master can
then read the conversion result.
9
1
1
A
SCL
9
S
7-BIT ADDRESS
WA COMMAND/ADDRESS POINT BYTE A
SDA
Sr
7-BIT ADDRESS
RA
FIRST DATA BYTE (MSBs)
A
SECOND DATA BYTE (LSBs)
A
SDA
1
1
9
SCL
9
9
Sr/
P
8
ACK BY
AD7992
ACK BY
AD7992
ACK BY
AD7992
ACK BY
MASTER
NACK BY
MASTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com