Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7992 Datasheet(PDF) 21 Page - Analog Devices

Part # AD7992
Description  2-Channel, 12-Bit ADC with I2C Compatible Interface in 10-Lead MSOP
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7992 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD7992 Datasheet HTML 13Page - Analog Devices AD7992 Datasheet HTML 14Page - Analog Devices AD7992 Datasheet HTML 15Page - Analog Devices AD7992 Datasheet HTML 16Page - Analog Devices AD7992 Datasheet HTML 17Page - Analog Devices AD7992 Datasheet HTML 18Page - Analog Devices AD7992 Datasheet HTML 19Page - Analog Devices AD7992 Datasheet HTML 20Page - Analog Devices AD7992 Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
AD7992
–21–
REV. PrH
PRELIMINARYTECHNICAL DATA
Mode 3 - Automatic Cycle Mode
An automatic conversion cycle can be selected and enabled
by writing a value to the Cycle Timer Register. A conver-
sion cycle interval can be set up on the AD7992 by pro-
gramming the relevant bits in the 3-bit Cycle Timer
Register as decoded in Table XIIb. When the Cycle
Timer register is programmed with any configuration
other than all 0’s, a conversion will take place every X ms,
depending on the configuration of these bits in the Cycle
Timer Register. There are 7 different cycle time intervals
to choose from as shown in Table XIIb. Once the conver-
sion has taken place the part powers down again until the
next conversion occurs. To exit this mode of operation the
user must program the Cycle Timer Register to contain
all 0’s. For cycle interval options see Table XIIb Cycle
Timer Intervals.
Figure 18. Mode 2 Sequence Operation
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
10-Lead MSOP (RM-10)
0.0197 (0.50)
BSC
0.122 (3.10)
0.114 (2.90)
10
6
5
1
0.199 (5.05)
0.187 (4.75)
PIN
1
0.122 (3.10)
0.114 (2.90)
0.012 (0.30)
0.006 (0.15)
0.037 (0.94)
0.031 (0.78)
SEATING
PLANE
0.120 (3.05)
0.112 (2.85)
0.043 (1.10)
MAX
0.006 (0.15)
0.002 (0.05)
0.028 (0.70)
0.016 (0.40)
0.009 (0.23)
0.005 (0.13)
6
0
o
0.120 (3.05)
0.112 (2.85)
o
To select channel(s) for operation in the cycle mode set
the corresponding channel(s) bits, D5 and D4, in the
Configuration Register. If both D5 and D4 are set to 1 in
the Configuration register, the ADC will automatically
cycle through the Channels, starting with the lowest chan-
nel and working its way up through the sequence. Once
the sequence is complete the ADC will start converting on
the lowest channel again, continuing to loop through the
sequence until the Cycle timer register contents are set to
all 0’s. This mode is useful for monitoring signals, e.g.
battery voltage, temperature etc, alerting only when the
limits are violated.
9
1
1
A
SCL
9
S
7-BIT ADDRESS
WA COMMAND/ADDRESS POINT BYTE A
SDA
FIRST DATA BYTE (MSBs)
A
SECOND DATA BYTE (LSBs)
A
Sr
7-BIT ADDRESS
RA
SDA
9
9
1
1
SCL
9
8
ACK BY
AD7992
ACK BY
AD7992
ACK BY
AD7992
ACK BY
MASTER
FIRST DATA BYTE (MSBs)
A
SECOND DATA BYTE (LSBs)
ACK BY
MASTER
ACK BY
MASTER
9
9
RESULT FROM CH1
RESULT FROM CH2
A/
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com