Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7992 Datasheet(PDF) 12 Page - Analog Devices

Part # AD7992
Description  2-Channel, 12-Bit ADC with I2C Compatible Interface in 10-Lead MSOP
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7992 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7992 Datasheet HTML 8Page - Analog Devices AD7992 Datasheet HTML 9Page - Analog Devices AD7992 Datasheet HTML 10Page - Analog Devices AD7992 Datasheet HTML 11Page - Analog Devices AD7992 Datasheet HTML 12Page - Analog Devices AD7992 Datasheet HTML 13Page - Analog Devices AD7992 Datasheet HTML 14Page - Analog Devices AD7992 Datasheet HTML 15Page - Analog Devices AD7992 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
AD7992
–12–
REV. PrH
PRELIMINARYTECHNICAL DATA
INTERNAL REGISTER STRUCTURE
The AD7992 contains eleven internal registers, as shown
in Figure 9, that are used to store conversion results, high
and low conversion limits, and to configure and control
the device. Ten are data registers and one is an address
pointer register.
Figure 9. AD7992 Register Structure
Each data register has an address which is pointed to by
the Address Pointer register when communicating with it.
The Conversion Result Register is the only data register
that is read only.
Table II. Address Pointer Register
C4
C3
C2
C1
P3
P2
P1
P0
0000
Register Select
Table III. AD7992 Register Addresses
P3
P2
P1
P0
Registers
0
0
0
0
Conversion Result Register (Read)
0
0
0
1
Alert Status Register (Read/Write)
0
0
1
0
Configuration Register (Read/Write)
0
0
1
1
Cycle Timer Register (Read/Write)
0
1
0
0
DATALOW Reg CH1 (Read/Write)
0
1
0
1
DATAHIGH Reg CH1 (Read/Write)
0
1
1
0
Hysteresis Reg CH1 (Read/Write)
0
1
1
1
DATALOW Reg CH2 (Read/Write)
1
0
0
0
DATAHIGH Reg CH2 (Read/Write)
1
0
0
1
Hysteresis Reg CH2 (Read/Write)
ADDRESS POINTER REGISTER
The Address Pointer register itself does not have, nor does
it require, an address, as it is the register to which the first
data byte of every Write operation is written automatically.
The Address Pointer Register is an 8-bit register in which
the four LSBs are used as pointer bits to store an address
that points to one of the data registers of the AD7992,
while the four MSBs are used as command bits when us-
ing Mode 2 (see Modes of Operation section). The first
byte following each write address is the address of one of
the data registers, which is stored in the Address Pointer
Register, and selects the data register to which subsequent
data bytes are written. Only the four LSBs of this register
are used to select a data register. On Power up the Ad-
dress Point register contains all 0’s, therefore it is pointing
to the Conversion Result Register.
CONFIGURATION
REGISTER
ADDRESS
POINTER
REGISTER
SERIAL BUS INTERFACE
SDA
SCL
D
A
T
A
DATALOW
REGISTER CH2
DATAHIGH
REGISTER CH2
DATALOW
REGISTER CH1
HYSTERESIS
REGISTER CH1
DATAHIGH
REGISTER CH1
CYCLE TIMER
REGISTER
ALERT STATUS
REGISTER
CONVERSION
RESULT REGISTER
HYSTERESIS
REGISTER CH2
CONFIGURATION REGISTER
The Configuration Register is an 8-bit read/write register that is used to set the operating modes of the AD7992. The
MSB is used, and is a Don’t Care bit. The bit functions are outlined in Table IV.
Table IV.
Configuration Register Bit Function Description
D7
D6
D5
D4
D3
D2
D1
D0
DONTC
Single/Dual CH2
CH1
F L T R
ALERT EN
BUSY/
ALERT
ALERT/BUSY POLARITY
0*
0*
0*
0*
1*
0*
0*
0*
*Default settings at Power-up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com