Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN561 Datasheet(PDF) 4 Page - Intersil Corporation

Part # FN561
Description  OBSOLETE PRODUCT NO RECOMMENDED REPLACEMENT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

FN561 Datasheet(HTML) 4 Page - Intersil Corporation

  FN561 Datasheet HTML 1Page - Intersil Corporation FN561 Datasheet HTML 2Page - Intersil Corporation FN561 Datasheet HTML 3Page - Intersil Corporation FN561 Datasheet HTML 4Page - Intersil Corporation FN561 Datasheet HTML 5Page - Intersil Corporation FN561 Datasheet HTML 6Page - Intersil Corporation FN561 Datasheet HTML 7Page - Intersil Corporation FN561 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Block Diagram
NOTES:
15. All resistance values are in ohms.
16. L Tunes with 100pF (C) at 10.7MHz.
17. QO @ 75 (G.I. EX22741 or equivalent).
18. Pin numbers refer to 16 lead DIP.
FIGURE 6A. BOTTOM VIEW OF PRINTED CIRCUIT BOARD
FIGURE 6B. COMPONENT SIDE - TOP VIEW
FIGURE 6. ACTUAL SIZE PHOTOGRAPHS OF THE CA3089E AND OUTBOARD COMPONENTS MOUNTED ON A PRINTED-CIRCUIT BOARD
Test Applications (Continued)
14
13
15
2
3
1
11
8
9
10
5
6
7
4
LEVEL
DETECTOR
12
LEVEL
DETECTOR
LEVEL
DETECTOR
LEVEL
DETECTOR
1ST IF
AMPL.
2ND IF
AMPL.
3RD IF
AMPL.
MUTE (SQUELCH)
DRIVE CIRCUIT
QUADRATURE
DETECTOR
TUNING
METER
CIRCUIT
AFC
AMPL.
AUDIO
AMPL.
AUDIO
MUTE
(SQUELCH)
CONTROL
AMPL.
V+
FRAME
SUBSTRATE
150
µA
METER
33K
TUNING METER OUTPUT
TO STEREO
THRESHOLD
LOGIC CIRCUITS
10K
DELAYED
AGC FOR
RF AMPL
0.02
µF
0.02
µF
IF
INPUT
TO INTERNAL
REGULATORS
IF
OUT
REFERENCE
BIAS
AFC
OUTPUT
AUDIO
OUTPUT
MUTING
SENSITIVITY
0.33
µF
500K
120K
470
QUADRATURE
INPUT
22
µH
C =
100pF
L
IF AMPLIFIER
(NOTE 16)
CA3089



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com