Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN561 Datasheet(PDF) 6 Page - Intersil Corporation

Part # FN561
Description  OBSOLETE PRODUCT NO RECOMMENDED REPLACEMENT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

FN561 Datasheet(HTML) 6 Page - Intersil Corporation

  FN561 Datasheet HTML 1Page - Intersil Corporation FN561 Datasheet HTML 2Page - Intersil Corporation FN561 Datasheet HTML 3Page - Intersil Corporation FN561 Datasheet HTML 4Page - Intersil Corporation FN561 Datasheet HTML 5Page - Intersil Corporation FN561 Datasheet HTML 6Page - Intersil Corporation FN561 Datasheet HTML 7Page - Intersil Corporation FN561 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
Schematic Diagram (Continued)
R29
200
R31
390
Q23
R33
500
R36
200
Q24 Q25
Q32 Q33
Q35
Q26
Q34
R34
10K
R26
10K
Q38
Q39
Q40
Q27
D3
D2
R35
2.2K
Q41
DETECTOR
QUADRATURE
INPUT
REF
BIAS
IF
OUT
9
10
8
R37
166
Q44
Q46
Q79
Q45
R38
500
R42
166
Q51
Q53
Q54
R44
500
R63
300
R64
300
Q80
Q81
R40
500
R41
500
Q82
11
6
5
Q49
Q48
Q50
R49
5K
Q83
AUDIO
AMPLIFIER
A
V+
V+
R65
50K
R39
500
R43
500
Q47
Q52
Q56
Q55
R47
500
R48
500
Q57
AUDIO
OUT
MUTE
CONTROL
7
AFC
OUTPUT
AFC AMPLIFIER
4
14
FRAME
SUBSTRATE
Z1
Q28
Q30
D4
D5
Z2
Q43
R45
500
R54
5K
R55
13K
R46
4.2K
Q29
R8
2K
R5
4K
R30
480
R9
10K
V+
Q42
Q31
R4
480
D1
A
Q5
C
B
Q65
Q66
Q67
BIAS
SUPPLY
12
R57
10K
R58
50
Q73
Q78
V+
Q72
Q71
C10
10
C9
10
MUTE DRIVE
MUTE
LOGIC
R32
500
R62
500
NOTES:
19. All resistance values are in ohms.
20. All capacitance values are in pF.
21. Pin numbers refer to 16 lead PDIP.
CA3089



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com