Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN561 Datasheet(PDF) 5 Page - Intersil Corporation

Part # FN561
Description  OBSOLETE PRODUCT NO RECOMMENDED REPLACEMENT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

FN561 Datasheet(HTML) 5 Page - Intersil Corporation

  FN561 Datasheet HTML 1Page - Intersil Corporation FN561 Datasheet HTML 2Page - Intersil Corporation FN561 Datasheet HTML 3Page - Intersil Corporation FN561 Datasheet HTML 4Page - Intersil Corporation FN561 Datasheet HTML 5Page - Intersil Corporation FN561 Datasheet HTML 6Page - Intersil Corporation FN561 Datasheet HTML 7Page - Intersil Corporation FN561 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Schematic Diagram
A
Q9
Q15
R6
2K
R7
2K
R10
2K
R11
2K
C12
1
C11
1
C13
1
1
13
2
3
C14
1
C
R18
2K
R19
2K
R23
2K
Q21
Q22 R27
750
R24
480
R25
1.5K
V+
V+
V+
B
Q3
Q4
C2
1
Q8
Q8A
Q10
Q11
Q7A
Q7
R12A
2K
R16A
2K
R13A
2K
Q1
Q2
IF
INPUT
INPUT
BYPASSING
R2
30K
Q6
R3
360
R1
30K
C4
0.2
R13
2.7K
Q12
R14
360
R12
2.7K
C1
1
C3
0.2
R16
2.7K
Q14
Q14A
Q16Q17
Q18
Q13A
Q13
R15
2.7K
R15A
2K
R21
480
R22
1.5K
R20
2K
Q19
Q20
R28
750
15
R50
500
Q58
V+
V+
R51
5K
C5
2
Q59
R52
400
R53
600
R56
600
R61
4K
C6
3
Q60
Q61
Q62
Q70
Q75
Q77
Q76
Q74
R59
150
R60
300
Q84
TUNING
METER
AGC FOR
RF AMPL.
IF AMPLIFIER
LEVEL DETECTOR AND METER CIRCUIT
R17
360
C7
3
Q63
Q64
C8
3
Q69
Q68
SEE
NEXT
PAGE
NOTE: Pin numbers refer to 16 lead PDIP.
CA3089



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com