Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN561 Datasheet(PDF) 1 Page - Intersil Corporation

Part # FN561
Description  OBSOLETE PRODUCT NO RECOMMENDED REPLACEMENT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

FN561 Datasheet(HTML) 1 Page - Intersil Corporation

  FN561 Datasheet HTML 1Page - Intersil Corporation FN561 Datasheet HTML 2Page - Intersil Corporation FN561 Datasheet HTML 3Page - Intersil Corporation FN561 Datasheet HTML 4Page - Intersil Corporation FN561 Datasheet HTML 5Page - Intersil Corporation FN561 Datasheet HTML 6Page - Intersil Corporation FN561 Datasheet HTML 7Page - Intersil Corporation FN561 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
®
FN0561.4
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2002. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
CA3089
FM IF System
Description
Intersil CA3089 is a monolithic integrated circuit that pro-
vides all the functions of a comprehensive FM-IF system.
The block diagram shows the CA3089 features, which
include a three-stage FM-IF amplifier/limiter configuration
with level detectors for each stage, a doubly-balanced
quadrature FM detector and an audio amplifier that features
the optional use of a muting (squelch) circuit.
The advanced circuit design of the IF system includes desir-
able deluxe features such as delayed AGC for the RF tuner,
and AFC drive circuit, and an output signal to drive a tuning
meter and/or provide stereo switching logic. In addition, inter-
nal power supply regulators maintain a nearly constant cur-
rent drain over the voltage supply range of +8.5V to +16V.
The CA3089 is ideal for high-fidelity operation. Distortion in a
CA3089 FM-IF System is primarily a function of the phase
linearity characteristic of the outboard detector coil.
Features
.
• For FM IF Amplifier Applications in High-Fidelity,
Automotive, and Communications Receivers
• Includes: IF Amplifier, Quadrature Detector, AF
Preamplifier, and Specific Circuits for AGC, AFC, Muting
(Squelch), and Tuning Meter
• Exceptional Limiting Sensitivity
at -3dB Point. . . . . . . . . . . . . . . . . . . . . . . . . . . 12
µV (Typ)
• Low Distortion:
(with Double-Tuned Coil) . . . . . . . . . . . . . . . . . 0.1% (Typ)
• Single-Coil Tuning Capability
• High Recovered Audio . . . . . . . . . . . . . . . . . . 400mV (Typ)
• Provides Specific Signal for Control of Interchannel Muting
(Squelch)
• Provides Specific Signal for Direct Drive of a Tuning Meter
• Provides Delayed AGC Voltage for RF Amplifier
• Provides a Specific Circuit for Flexible AFC
• Internal Supply-Voltage Regulators
Pinouts
Part Number Information
PART
NUMBER
TEMP. RANGE
(oC)
PACKAGE
PKG. NO.
CA3089E
-40 to 85
16 Ld PDIP
E16.3
CA3089M1
(3089M)
-40 to 85
20 Ld SOIC
M20.3
CA3089
(PDIP)
TOP VIEW
CA3089
(SOIC)
TOP VIEW
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
IF IN
INPUT BYPASS
DC FB BYPASS
FRAME GND
MUTE CONTROL
AUDIO OUT
IF OUT
AFC OUT
NC
SUBSTRATE (GND)
TUNING METER OUT
MUTE LOGIC
V+
REF BIAS
QUADRATURE INPUT
DELAYED AGC
11
12
13
14
15
16
17
18
20
19
10
9
8
7
6
5
4
3
2
1
GND
IF IN
INPUT BYPASS
DC FB BYPASS
FRAME GND
MUTE CONTROL
AFC OUT
AUDIO OUT
IF OUT
GND
GND
GND
SUBSTRATE (GND)
TUNING METER OUT
DELAYED AGC
MUTE LOGIC
V+
REF BIAS
QUADRATURE INPUT
NC
Data Sheet
October 2002
OBSO
LETE
PROD
UCT
NO RE
COMM
ENDE
D REP
LACE
MENT


Similar Part No. - FN561

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FN5000109 ETC2-FN5000109 Datasheet
252Kb / 3P
3.3V CMOS Low Jitter XO
FN5000110 ETC2-FN5000110 Datasheet
252Kb / 3P
3.3V CMOS Low Jitter XO
FN5040-10-83 ETC2-FN5040-10-83 Datasheet
886Kb / 8P
LC Sine Wave Filter for Motor Drives
FN5040-115-87 ETC2-FN5040-115-87 Datasheet
886Kb / 8P
LC Sine Wave Filter for Motor Drives
FN5040-1200-99 ETC2-FN5040-1200-99 Datasheet
886Kb / 8P
LC Sine Wave Filter for Motor Drives
More results

Similar Description - FN561

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FX3090 ETC-FX3090 Datasheet
235Kb / 8P
Obsolete Product For Information Only.
logo
HOKURIKU ELECTRIC INDUS...
E011420 HOKURIKU-E011420 Datasheet
116Kb / 1P
Recommended Pad Dimension
logo
Major League Electronic...
LSSHS-5-04 MAJOR-LEAGUE-LSSHS-5-04 Datasheet
124Kb / 1P
Recommended P.C.B.Layout
logo
Kemet Corporation
T110A105J020AS KEMET-T110A105J020AS Datasheet
481Kb / 39P
ORDERING INFORMATION (OBSOLETE*)
T140C226K060AS KEMET-T140C226K060AS Datasheet
568Kb / 38P
ORDERING INFORMATION (OBSOLETE*)
logo
Datatronic Distribution...
SM502-1 DATATRONICS-SM502-1 Datasheet
64Kb / 1P
This part is OBSOLETE, the SM501-1 is a possible replacement
logo
Murata Manufacturing Co...
GRM31CC80G157ME11L MURATA-GRM31CC80G157ME11L Datasheet
109Kb / 2P
Volt. & temp. derating recommended product
GRM31CR60J157ME11L MURATA-GRM31CR60J157ME11L Datasheet
109Kb / 2P
Volt. & temp. derating recommended product
logo
Applied Motion Products...
1240I AMP-1240I Datasheet
108Kb / 2P
Recommended Motors
logo
Murata Manufacturing Co...
DE1B3KX151KA5B MURATA1-DE1B3KX151KA5B Datasheet
175Kb / 2P
Safety Capacitors RECOMMENDED
09/22/2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com