Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN561 Datasheet(PDF) 2 Page - Intersil Corporation

Part # FN561
Description  OBSOLETE PRODUCT NO RECOMMENDED REPLACEMENT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

FN561 Datasheet(HTML) 2 Page - Intersil Corporation

  FN561 Datasheet HTML 1Page - Intersil Corporation FN561 Datasheet HTML 2Page - Intersil Corporation FN561 Datasheet HTML 3Page - Intersil Corporation FN561 Datasheet HTML 4Page - Intersil Corporation FN561 Datasheet HTML 5Page - Intersil Corporation FN561 Datasheet HTML 6Page - Intersil Corporation FN561 Datasheet HTML 7Page - Intersil Corporation FN561 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Absolute Maximum Ratings
Thermal Information
Supply Voltage
Between V+ and Frame GND. . . . . . . . . . . . . . . . . . . . . . . . . .16V
Between V+ and Substrate GND . . . . . . . . . . . . . . . . . . . . . . .16V
DC Current (Out of Delayed AGC). . . . . . . . . . . . . . . . . . . . . . . 2mA
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . -40oC to 85oC
Thermal Resistance (Typical, Note 1)
θ
JA (
oC/W)
PDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
90
SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
95
Maximum Junction Temperature (Plastic Package) . . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300oC
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
V+ = 12V (See Figures 3 and 4)
(NOTE 3)
PARAMETER
TEST CONDITIONS
TEMP.
(oC)
MIN
TYP
MAX
UNITS
DC CHARACTERISTICS
Quiescent Circuit Current
No signal input, Non muted
25
16
23
30
mA
DC Voltages
Terminal 1 (IF Input)
25
1.2
1.9
2.4
V
Terminal 2 (AC Return to Input)
25
1.2
1.9
2.4
V
Terminal 3 (DC Bias to Input)
25
1.2
1.9
2.4
V
Terminal 6 (Audio Output)
25
5.0
5.6
6.0
V
Terminal 10 (DC Reference)
25
5.0
5.6
6.0
V
DYNAMIC CHARACTERISTICS
Input Limiting Voltage (-3dB point), V1 (lim)
-
fO = 10.7MHz,
fMOD = 400Hz,
Deviation =
±75kHz
25
-
12
25
µV
AM Rejection (Terminal 6), AMR
VIN = 0.1V,
AM Mod. = 30%
25
45
55
-
dB
Recovered AF Voltage (Terminal 6) VO (AF)
VIN = 0.1V
25
300
400
500
mV
Total Harmonic
Distortion, THD
(Note 2)
Single Tuned (Terminal 6)
25
-
0.5
1.0
%
Double Tuned (Terminal 6)
25
-
0.1
-
%
Signal Plus Noise to Noise Ratio (Terminal 6)
25
60
67
-
dB
NOTES:
2. THD characteristics are essentially a function of the phase characteristics of the network connected between Terminals 8, 9, and 10.
3. Terminal numbers refer to 16 Lead PDIP.
Application Information
FIGURE 1. AFC CHARACTERISTICS (CURRENT AT
TERMINAL 7) vs CHANGE IN FREQUENCY. (SEE
TEST CIRCUIT FIGURE 3)
FIGURE 2. MUTING ACTION, TUNER AGC, AND TUNING
METER OUTPUT vs INPUT SIGNAL VOLTAGE.
(SEE TEST CIRCUIT FIGURE 3)
-100
CHANGE IN FREQUENCY (kHz)
-50
0
50
100
-125
-100
-75
-50
-25
0
25
50
75
100
125
µA
5k
Ω
V+ = 12V, TA 25
oC
10
7
100K
10K
1K
100
10
1
INPUT SIGNAL (
µV)
0
-10
-20
-30
-40
-50
-60
6
5
4
3
2
1
V+ = 12V, TA = 25
oC
RECOVERED AUDIO FROM FULL OUTPUT
(LEFT COORDINATE)
TUNER AGC DC VOLTAGE AT
TERM. 15 (RIGHT COORDINATE)
VOLTAGE AT TERMINAL 13
METER CIRCUIT (33k
Ω TO GND)
(RIGHT COORDINATE)
CA3089



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com