Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3413 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC3413
Description  3A, 2MHz Monolithic Synchronous Regulator for DDR/QDR Memory Termination
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3413 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3413 Datasheet HTML 5Page - Linear Technology LTC3413 Datasheet HTML 6Page - Linear Technology LTC3413 Datasheet HTML 7Page - Linear Technology LTC3413 Datasheet HTML 8Page - Linear Technology LTC3413 Datasheet HTML 9Page - Linear Technology LTC3413 Datasheet HTML 10Page - Linear Technology LTC3413 Datasheet HTML 11Page - Linear Technology LTC3413 Datasheet HTML 12Page - Linear Technology LTC3413 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
LTC3413
sn3413 3413fs
dielectrics have the best temperature and voltage charac-
teristics of all the ceramics for a given value and size.
Output Voltage Programming
In most applications, VOUT is connected directly to VFB.
The output voltage will be equal to one-half of the voltage
on the VREF pin for this case.
V
V
OUT
REF
=
2
If a different output voltage relationship is desired, an
external resistor divider from VOUT to VFB can be used. The
output voltage will then be set according to the following
equation:
pulled above 2V. The full current range becomes available
on ITH after 1024 switching cycles. If a longer soft-start
period is desired, the clamp on ITH can be set externally
with a resistor and capacitor on the RUN/SS pin as shown
in Figure 1a. The soft-start duration can be calculated by
using the following formula:
tR
VV
SS
SS
IN
=


• C
ln
V
(Seconds)
SS
IN
–.
18
Efficiency Considerations
The efficiency of a switching regulator is equal to the
output power divided by the input power times 100%. It is
often useful to analyze individual losses to determine what
is limiting the efficiency and which change would produce
the most improvement. Efficiency can be expressed as:
Efficiency = 100% - (L1 + L2 + L3 + ...)
where L1, L2, etc. are the individual losses as a percentage
of input power.
Although all dissipative elements in the circuit produce
losses, two main sources usually account for most of the
losses: VIN quiescent current and I2R losses.
The VIN quiescent current loss dominates the efficiency
loss at very low load currents whereas the I2R loss
dominates the efficiency loss at medium to high load
currents. In a typical efficiency plot, the efficiency curve at
very low load currents can be misleading since the actual
power lost is of no consequence.
1. The VIN quiescent current is due to two components:
the DC bias current as given in the Electrical Characteris-
tics and the internal main switch and synchronous switch
gate charge currents. The gate charge current results from
switching the gate capacitance of the internal power
MOSFET switches. Each time the gate is switched from
APPLICATIO S I FOR ATIO
R2
VOUT
R1
3413 F02
VFB
SGND
LTC3413
Figure 2. Setting the Output Voltage
V
VR
R
OUT
REF
=+


2
1
2
1
Soft-Start
The RUN/SS pin provides a means to shut down the
LTC3413 as well as a timer for soft-start. Pulling the
RUN/SS pin below 0.5V places the LTC3413 in a low
quiescent current shutdown state (IQ < 1µA).
The LTC3413 contains an internal soft-start clamp that
gradually raises the clamp on ITH after the RUN/SS pin is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com